Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C44-08/P Datasheet(PDF) 134 Page - Microchip Technology

Part # PIC17C44-08/P
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C44-08/P Datasheet(HTML) 134 Page - Microchip Technology

Back Button PIC17C44-08/P Datasheet HTML 130Page - Microchip Technology PIC17C44-08/P Datasheet HTML 131Page - Microchip Technology PIC17C44-08/P Datasheet HTML 132Page - Microchip Technology PIC17C44-08/P Datasheet HTML 133Page - Microchip Technology PIC17C44-08/P Datasheet HTML 134Page - Microchip Technology PIC17C44-08/P Datasheet HTML 135Page - Microchip Technology PIC17C44-08/P Datasheet HTML 136Page - Microchip Technology PIC17C44-08/P Datasheet HTML 137Page - Microchip Technology PIC17C44-08/P Datasheet HTML 138Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 240 page
background image
PIC17C4X
DS30412C-page 134
© 1996 Microchip Technology Inc.
RRNCF
Rotate Right f (no carry)
Syntax:
[
label ]
RRNCF f,d
Operands:
0
≤ f ≤ 255
d
∈ [0,1]
Operation:
f<n>
→ d<n-1>;
f<0>
→ d<7>
Status Affected:
None
Encoding:
0010
000d
ffff
ffff
Description:
The contents of register 'f' are rotated
one bit to the right. If 'd' is 0 the result is
placed in WREG. If 'd' is 1 the result is
placed back in register 'f'.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register 'f'
Execute
Write to
destination
Example 1:
RRNCF
REG, 1
Before Instruction
WREG
=
?
REG
=
1101 0111
After Instruction
WREG
=
0
REG
=
1110 1011
Example 2:
RRNCF
REG, 0
Before Instruction
WREG
=
?
REG
=
1101 0111
After Instruction
WREG
=
1110 1011
REG
=
1101 0111
register f
SETF
Set f
Syntax:
[
label ]
SETF f,s
Operands:
0
≤ f ≤ 255
s
∈ [0,1]
Operation:
FFh
→ f;
FFh
→ d
Status Affected:
None
Encoding:
0010
101s
ffff
ffff
Description:
If 's' is 0, both the data memory location
'f' and WREG are set to FFh. If 's' is 1
only the data memory location 'f' is set
to FFh.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register 'f'
Execute
Write
register 'f'
and other
specified
register
Example1:
SETF
REG, 0
Before Instruction
REG
=
0xDA
WREG
=
0x05
After Instruction
REG
=
0xFF
WREG
=
0xFF
Example2:
SETF
REG, 1
Before Instruction
REG
=
0xDA
WREG
=
0x05
After Instruction
REG
=
0xFF
WREG
=
0x05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com