Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C44-08/P Datasheet(PDF) 159 Page - Microchip Technology

Part # PIC17C44-08/P
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C44-08/P Datasheet(HTML) 159 Page - Microchip Technology

Back Button PIC17C44-08/P Datasheet HTML 155Page - Microchip Technology PIC17C44-08/P Datasheet HTML 156Page - Microchip Technology PIC17C44-08/P Datasheet HTML 157Page - Microchip Technology PIC17C44-08/P Datasheet HTML 158Page - Microchip Technology PIC17C44-08/P Datasheet HTML 159Page - Microchip Technology PIC17C44-08/P Datasheet HTML 160Page - Microchip Technology PIC17C44-08/P Datasheet HTML 161Page - Microchip Technology PIC17C44-08/P Datasheet HTML 162Page - Microchip Technology PIC17C44-08/P Datasheet HTML 163Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 240 page
background image
© 1996 Microchip Technology Inc.
DS30412C-page 159
PIC17C4X
Applicable Devices 42 R42 42A 43 R43 44
FIGURE 17-7: CAPTURE TIMINGS
TABLE 17-7:
CAPTURE REQUIREMENTS
FIGURE 17-8: PWM TIMINGS
TABLE 17-8:
PWM REQUIREMENTS
Parameter
No.
Sym Characteristic
Min
Typ† Max Units Conditions
50
TccL Capture1 and Capture2 input low time
10 *
—
—
ns
51
TccH Capture1 and Capture2 input high time
10 *
—
—
ns
52
TccP Capture1 and Capture2 input period
2 TCY §
N
—
—
ns
N = prescale value
(4 or 16)
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 5V, 25
°C unless otherwise stated. These parameters are for design guidance only and are not
tested.
§
This specification ensured by design.
Parameter
No.
Sym Characteristic
Min
Typ† Max Units Conditions
53
TccR PWM1 and PWM2 output rise time
—
10 * 35 *§
ns
54
TccF PWM1 and PWM2 output fall time
—
10 * 35 *§
ns
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 5V, 25
°C unless otherwise stated. These parameters are for design guidance only and are not
tested.
§
This specification ensured by design.
CAP1
and CAP2
(Capture Mode)
50
51
52
PWM1
and PWM2
(PWM Mode)
53
54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com