Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C44-08/P Datasheet(PDF) 173 Page - Microchip Technology

Part # PIC17C44-08/P
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C44-08/P Datasheet(HTML) 173 Page - Microchip Technology

Back Button PIC17C44-08/P Datasheet HTML 169Page - Microchip Technology PIC17C44-08/P Datasheet HTML 170Page - Microchip Technology PIC17C44-08/P Datasheet HTML 171Page - Microchip Technology PIC17C44-08/P Datasheet HTML 172Page - Microchip Technology PIC17C44-08/P Datasheet HTML 173Page - Microchip Technology PIC17C44-08/P Datasheet HTML 174Page - Microchip Technology PIC17C44-08/P Datasheet HTML 175Page - Microchip Technology PIC17C44-08/P Datasheet HTML 176Page - Microchip Technology PIC17C44-08/P Datasheet HTML 177Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 240 page
background image
© 1996 Microchip Technology Inc.
DS30412C-page 173
PIC17C4X
Applicable Devices 42 R42 42A 43 R43 44
FIGURE 18-19: VTH, VIL of I/O PINS (SCHMITT TRIGGER) VS. VDD
FIGURE 18-20: VTH (INPUT THRESHOLD VOLTAGE) OF OSC1 INPUT
(IN XT AND LF MODES) vs. VDD
2.0
VDD (Volts)
0.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.5
1.0
1.5
2.0
2.5
3.0
3.5
6.0
4.0
4.5
5.0
VIH, max (-40
°C to +85°C)
VIH, typ (25
°C)
VIH, min (-40
°C to +85°C)
VIL, max (-40
°C to +85°C)
VIL, typ (25
°C)
VIL, min (-40
°C to +85°C)
VDD (Volts)
1.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
1.2
1.4
1.6
1.8
2.0
2.2
2.4
6.0
2.6
2.8
3.0
Min (-40
°C to +85°C)
3.2
3.4
Max (-40
°C to +85°C)
Typ (25
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com