Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16LC71-04/P Datasheet(PDF) 107 Page - Microchip Technology

Part # PIC16LC71-04/P
Description  8-Bit CMOS Microcontrollers with A/D Converter
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC71-04/P Datasheet(HTML) 107 Page - Microchip Technology

Back Button PIC16LC71-04/P Datasheet HTML 103Page - Microchip Technology PIC16LC71-04/P Datasheet HTML 104Page - Microchip Technology PIC16LC71-04/P Datasheet HTML 105Page - Microchip Technology PIC16LC71-04/P Datasheet HTML 106Page - Microchip Technology PIC16LC71-04/P Datasheet HTML 107Page - Microchip Technology PIC16LC71-04/P Datasheet HTML 108Page - Microchip Technology PIC16LC71-04/P Datasheet HTML 109Page - Microchip Technology PIC16LC71-04/P Datasheet HTML 110Page - Microchip Technology PIC16LC71-04/P Datasheet HTML 111Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 176 page
background image
© 1997 Microchip Technology Inc.
DS30272A-page 107
PIC16C71X
Applicable Devices
710 71 711 715
FIGURE 12-18: TYPICAL IDD vs.
CAPACITANCE @ 500 kHz
(RC MODE)
TABLE 12-1:
RC OSCILLATOR
FREQUENCIES
Cext
Rext
Average
Fosc @ 5V, 25
°C
22 pF
5k
4.12 MHz
± 1.4%
10k
2.35 MHz
± 1.4%
100k
268 kHz
± 1.1%
100 pF
3.3k
1.80 MHz
± 1.0%
5k
1.27 MHz
± 1.0%
10k
688 kHz
± 1.2%
100k
77.2 kHz
± 1.0%
300 pF
3.3k
707 kHz
± 1.4%
5k
501 kHz
± 1.2%
10k
269 kHz
± 1.6%
100k
28.3 kHz
± 1.1%
The percentage variation indicated here is part to
part variation due to normal process distribution. The
variation indicated is
±3 standard deviation from
average value for VDD = 5V.
Capacitance(pF)
600
500
400
300
200
100
0
20 pF
100 pF
300 pF
5.0V
4.0V
3.0V
FIGURE 12-19: TRANSCONDUCTANCE(gm)
OF HS OSCILLATOR vs. VDD
FIGURE 12-20: TRANSCONDUCTANCE(gm)
OF LP OSCILLATOR vs. VDD
FIGURE 12-21: TRANSCONDUCTANCE(gm)
OF XT OSCILLATOR vs. VDD
4.0
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
VDD(Volts)
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
Max -40
°C
Typ 25
°C
Min 85
°C
Shaded area is
beyond recommended range
110
100
90
80
70
60
50
40
30
20
10
0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
VDD(Volts)
Max -40
°C
Typ 25
°C
Min 85
°C
Shaded areas are
beyond recommended range
1000
900
800
700
600
500
400
300
200
100
0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
VDD(Volts)
Max -40
°C
Typ 25
°C
Min 85
°C
Shaded areas are
beyond recommended range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com