Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16LC71-04/SS Datasheet(PDF) 147 Page - Microchip Technology

Part # PIC16LC71-04/SS
Description  8-Bit CMOS Microcontrollers with A/D Converter
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC71-04/SS Datasheet(HTML) 147 Page - Microchip Technology

Back Button PIC16LC71-04/SS Datasheet HTML 143Page - Microchip Technology PIC16LC71-04/SS Datasheet HTML 144Page - Microchip Technology PIC16LC71-04/SS Datasheet HTML 145Page - Microchip Technology PIC16LC71-04/SS Datasheet HTML 146Page - Microchip Technology PIC16LC71-04/SS Datasheet HTML 147Page - Microchip Technology PIC16LC71-04/SS Datasheet HTML 148Page - Microchip Technology PIC16LC71-04/SS Datasheet HTML 149Page - Microchip Technology PIC16LC71-04/SS Datasheet HTML 150Page - Microchip Technology PIC16LC71-04/SS Datasheet HTML 151Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 176 page
background image
© 1997 Microchip Technology Inc.
DS30272A-page 147
PIC16C71X
Applicable Devices
710 71 711 715
16.0
DC AND AC
CHARACTERISTICS GRAPHS
AND TABLES FOR PIC16C71
The graphs and tables provided in this section are for
design guidance and are not tested or guaranteed. In
some graphs or tables the data presented are out-
side specified operating range (e.g. outside speci-
fied VDD range). This is for information only and
devices are guaranteed to operate properly only
within the specified range.
FIGURE 16-1: TYPICAL RC OSCILLATOR
FREQUENCY VS.
TEMPERATURE
Note:
The data presented in this section is a sta-
tistical summary of data collected on units
from different lots over a period of time and
matrix samples. 'Typical' represents the
mean of the distribution while 'max' or 'min'
represents (mean + 3
σ) and (mean - 3σ)
respectively where
σ is standard deviation.
Frequency Normalized to 25
°C
1.050
1.025
1.000
0.975
0.950
0.925
0.900
0.875
0.850
Fosc
Fosc (25
°C)
T(
°C)
Rext = 10k
Cext = 100 pF
VDD = 5.5V
VDD = 3.5V
0
10
20
30
40
50
60
70
FIGURE 16-2: TYPICAL RC OSCILLATOR
FREQUENCY VS. VDD
FIGURE 16-3: TYPICAL RC OSCILLATOR
FREQUENCY VS. VDD
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VDD (Volts)
R = 4.7k
R = 10k
R = 100k
Cext = 20 pF, T = 25
°C
2.0
1.8
1.0
0.8
0.6
0.4
0.2
0.0
3.0
4.0
3.5
4.5
5.0
5.5
6.0
VDD (Volts)
R = 3.3k
R = 4.7k
R = 10k
Cext = 100 pF, T = 25
°C
R = 100k
1.6
1.4
1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com