Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16LC71-04E/SP Datasheet(PDF) 101 Page - Microchip Technology

Part # PIC16LC71-04E/SP
Description  8-Bit CMOS Microcontrollers with A/D Converter
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC71-04E/SP Datasheet(HTML) 101 Page - Microchip Technology

Back Button PIC16LC71-04E/SP Datasheet HTML 97Page - Microchip Technology PIC16LC71-04E/SP Datasheet HTML 98Page - Microchip Technology PIC16LC71-04E/SP Datasheet HTML 99Page - Microchip Technology PIC16LC71-04E/SP Datasheet HTML 100Page - Microchip Technology PIC16LC71-04E/SP Datasheet HTML 101Page - Microchip Technology PIC16LC71-04E/SP Datasheet HTML 102Page - Microchip Technology PIC16LC71-04E/SP Datasheet HTML 103Page - Microchip Technology PIC16LC71-04E/SP Datasheet HTML 104Page - Microchip Technology PIC16LC71-04E/SP Datasheet HTML 105Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 176 page
background image
© 1997 Microchip Technology Inc.
DS30272A-page 101
PIC16C71X
Applicable Devices
710 71 711 715
12.0
DC AND AC CHARACTERISTICS GRAPHS AND TABLES FOR PIC16C710
AND PIC16C711
The graphs and tables provided in this section are for design guidance and are not tested or guaranteed.
In some graphs or tables the data presented are outside specified operating range (i.e., outside specified VDD
range). This is for information only and devices are guaranteed to operate properly only within the specified
range.
FIGURE 12-1: TYPICAL IPD vs. VDD (WDT DISABLED, RC MODE)
FIGURE 12-2: MAXIMUM IPD vs. VDD (WDT DISABLED, RC MODE)
Note:
The data presented in this section is a statistical summary of data collected on units from different lots over
a period of time and matrix samples. 'Typical' represents the mean of the distribution at, 25
°C, while 'max'
or 'min' represents (mean +3
σ) and (mean -3σ) respectively where σ is standard deviation.
35
30
25
20
15
10
5
0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VDD(Volts)
VDD(Volts)
10.000
1.000
0.100
0.010
0.001
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
85
°C
70
°C
25
°C
0
°C
-40
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com