Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N-11MG Datasheet(PDF) 1 Page - TRIAD MAGNETICS

Part # N-11MG
Description  CHASSIS MOUNT : Autotransformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIAD [TRIAD MAGNETICS]
Direct Link  http://www.triadmagnetics.com
Logo TRIAD - TRIAD MAGNETICS

N-11MG Datasheet(HTML) 1 Page - TRIAD MAGNETICS

  N-11MG Datasheet HTML 1Page - TRIAD MAGNETICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P O W E R T R A N S F O R M E R
CHASSIS MOUNT : Autotransformer
Web: www.TriadMagnetics.com
Phone 951-277-0757
Fax 951-277-2757
460 Harley Knox Blvd.
Perris, California
92571
Publish Date: December 4, 2013
GRN
GRN
BLK
WHT
T1
T2
FN
115 V
230 V
ST
A
D
B
C
E
N-11MG
Electrical Specifications (@25ºC)
1. Maximum Power:
2,000 VA
2. Input Voltage:
230 V, 50 / 60 Hz
3. Output Voltage:
115V + 5%
4. Full Secondary Load: 17.40 Amps RMS
Description:
The N-11MG is part of the line of Auto-Transformers that are single winding
transformers in which the secondary coil is a fraction of the entire winding for
voltage step-down. This causes part of the power to be transferred
conductively through the windings, rather than all of the power being
transferred by induction.
Safety:
These units are designed with 1500V isolation between the winding and the
core. Materials and construction are rated for Class B insulation system.
Dimensions:
Unit: In inches
Weight: 33.25 lbs
Mounting Holes: .656 x 281
Cord: 6 ft. long, Plug NEMA 5-15P, Socket NEMA 6-15P
Schematic:
RoHS Compliance: As of manufacturing date February 2005, all standard products meet
the requirements of 2011/65/EU, known as the RoHS initiative.
* Upon printing, this document is considered “uncontrolled”. Please contact
Triad Magnetics’ website for the most current version.
A
B
C
D
E
5.375
4.50
8.250
3.50
6.875


Similar Part No. - N-11MG

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
N-11-40-0-C-LC MOLEX4-N-11-40-0-C-LC Datasheet
76Kb / 2P
   299.72mm (11.800") UV Black Cable Tie
N-11-40-9-C-LC MOLEX4-N-11-40-9-C-LC Datasheet
76Kb / 2P
   299.72mm (11.800") Natural Cable Tie, 40 Pound Tensile Strength, 100/Bag
N-11-50-0-C-LC MOLEX4-N-11-50-0-C-LC Datasheet
76Kb / 2P
   287.02mm (11.300") UV Black Cable Tie, 50 Pound Tensile Strength, 100/Bag
N-11-50-0-D-LC MOLEX4-N-11-50-0-D-LC Datasheet
76Kb / 2P
   287.02mm (11.300") UV Black Cable Tie, 50 Pound Tensile Strength, 500/Bag
N-11-50-9-D-LC MOLEX4-N-11-50-9-D-LC Datasheet
76Kb / 2P
   287.02mm (11.300")Natural Cable Tie, 50 Pound Tensile Strength, 500/Bag
More results

Similar Description - N-11MG

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
N-4MG TRIAD-N-4MG Datasheet
73Kb / 1P
   CHASSIS MOUNT : Autotransformer
N-6U TRIAD-N-6U Datasheet
114Kb / 1P
   CHASSIS MOUNT : Autotransformer
N-1X TRIAD-N-1X Datasheet
39Kb / 1P
   CHASSIS MOUNT : Autotransformer
N-9MG TRIAD-N-9MG Datasheet
40Kb / 1P
   CHASSIS MOUNT : Autotransformer
N-5MG TRIAD-N-5MG Datasheet
40Kb / 1P
   CHASSIS MOUNT : Autotransformer
N-7MG TRIAD-N-7MG Datasheet
40Kb / 1P
   CHASSIS MOUNT : Autotransformer
N-250MG TRIAD-N-250MG Datasheet
43Kb / 1P
   CHASSIS MOUNT : Autotransformer
F-302U TRIAD-F-302U Datasheet
132Kb / 1P
   CHASSIS MOUNT : Autotransformer
N-2X TRIAD-N-2X Datasheet
134Kb / 1P
   CHASSIS MOUNT : Autotransformer
N-150MG TRIAD-N-150MG Datasheet
119Kb / 1P
   CHASSIS MOUNT : Autotransformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com