Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPC56EL60L5BFSY Datasheet(PDF) 135 Page - STMicroelectronics

Part # RPC56EL60L5BFSY
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC56EL60L5BFSY Datasheet(HTML) 135 Page - STMicroelectronics

Back Button RPC56EL60L5BFSY Datasheet HTML 129Page - STMicroelectronics RPC56EL60L5BFSY Datasheet HTML 130Page - STMicroelectronics RPC56EL60L5BFSY Datasheet HTML 131Page - STMicroelectronics RPC56EL60L5BFSY Datasheet HTML 132Page - STMicroelectronics RPC56EL60L5BFSY Datasheet HTML 133Page - STMicroelectronics RPC56EL60L5BFSY Datasheet HTML 134Page - STMicroelectronics RPC56EL60L5BFSY Datasheet HTML 135Page - STMicroelectronics RPC56EL60L5BFSY Datasheet HTML 136Page - STMicroelectronics RPC56EL60L5BFSY Datasheet HTML 137Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 135 / 137 page
background image
DocID026934 Rev 1
135/137
RPC56EL60L5
Ordering information
136
5
Ordering information
Figure 41. Commercial product code structure
Memory
Conditioning
Core Family
Y = Tray
R = Tape and Reel
Q = Quality management safety level
S = ASILD/SIL3 safety level
O = No FlexRay
F = FlexRay
C = 80 MHz
B = 120 MHz
B = –40 °C to 105 °C
C = –40 °C to 125 °C
L5 = LQFP144
60 = 1 MB flash memory
L = RPC56XL family
E = e200z4d dual core
4 = Single core
RPC56 = Power Architecture in 90 nm
Temperature
Package
Device options
RPC56
60
Y
EL
C
L5
B
Example code:
Product identifier
FQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com