Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F479AI Datasheet(PDF) 177 Page - STMicroelectronics

Part # STM32F479AI
Description  8- to 14-bit parallel camera interface up to 54 Mbytes
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F479AI Datasheet(HTML) 177 Page - STMicroelectronics

Back Button STM32F479AI Datasheet HTML 173Page - STMicroelectronics STM32F479AI Datasheet HTML 174Page - STMicroelectronics STM32F479AI Datasheet HTML 175Page - STMicroelectronics STM32F479AI Datasheet HTML 176Page - STMicroelectronics STM32F479AI Datasheet HTML 177Page - STMicroelectronics STM32F479AI Datasheet HTML 178Page - STMicroelectronics STM32F479AI Datasheet HTML 179Page - STMicroelectronics STM32F479AI Datasheet HTML 180Page - STMicroelectronics STM32F479AI Datasheet HTML 181Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 208 page
background image
DocID028010 Rev 2
177/208
STM32F479xx
Electrical characteristics
187
Figure 68. NAND controller waveforms for common memory write access
SDRAM waveforms and timings
CL = 30 pF on data and address lines.
CL = 10 pF on FMC_SDCLK unless otherwise specified.
Table 101. Switching characteristics for NAND Flash read cycles
Symbol
Parameter
Min
Max
Unit
tw(N0E)
FMC_NOE low width
4THCLK − 0.5 4THCLK+0.5
ns
tsu(D-NOE)
FMC_D[15-0] valid data before FMC_NOE high
9
-
th(NOE-D)
FMC_D[15-0] valid data after FMC_NOE high
0
-
td(ALE-NOE) FMC_ALE valid before FMC_NOE low
-
3THCLK − 0.5
th(NOE-ALE) FMC_NWE high to FMC_ALE invalid
3THCLK − 2-
Table 102. Switching characteristics for NAND Flash write cycles
Symbol
Parameter
Min
Max
Unit
tw(NWE)
FMC_NWE low width
4THCLK
4THCLK+1
ns
tv(NWE-D)
FMC_NWE low to FMC_D[15-0] valid
0
-
th(NWE-D)
FMC_NWE high to FMC_D[15-0] invalid
3THCLK − 1-
td(D-NWE)
FMC_D[15-0] valid before FMC_NWE high
5THCLK − 3-
td(ALE-NWE)
FMC_ALE valid before FMC_NWE low
-
3THCLK−0.5
th(NWE-ALE)
FMC_NWE high to FMC_ALE invalid
3THCLK − 1-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com