Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSC-R1-B Datasheet(PDF) 8 Page - Hirose Electric

Part # HSC-R1-B
Description  SC Type Fiber Optic Connectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HSC-R1-B Datasheet(HTML) 8 Page - Hirose Electric

  HSC-R1-B Datasheet HTML 1Page - Hirose Electric HSC-R1-B Datasheet HTML 2Page - Hirose Electric HSC-R1-B Datasheet HTML 3Page - Hirose Electric HSC-R1-B Datasheet HTML 4Page - Hirose Electric HSC-R1-B Datasheet HTML 5Page - Hirose Electric HSC-R1-B Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 8 / 6 page
background image
32
sAdapters - Panel Mounting
qSC adapters
SC/SC Die Cast Metal Housing
SC/SC Plastic Housing
qSC2 adapters
SC/SC2 4-way adapter
CL No.
704-0092-1-51
704-0217-5-02
704-3007-9-06
Part Number
HSC-A3(51)
HSC-A3-D1(02)
HSC-A3-D2(06)
Split sleeve
Copper alloy
Zirconia
Zirconia
Remarks
PC,AdPC(Blue)
APC(Green)
BPanel cutout
BPanel cutout
BPanel cutout
CL No.
704-0020-0-51
704-0258-2-01
Part Number
HSC-A2(51)
HSC-A2-D1(01)
Split sleeve
Copper alloy
Zirconia
9.5
Ø2.3
9.4
27.4
1.8
3
Ø2.3
9.4
27.4
1.8
3
28.2
24
1.8
or 2-Ø2.4
2-M2
∞0.4
0.5
0.5
9.5 0.5
0.5
13
+0.5
0.5
+0.2
0.5
or 2-Ø2.4
2-M2
∞0.4
+0.2
0.5
Panel thickness: 1.6mm
Panel thickness: 1.6mm
Panel thickness: 1.6mm
3
SC/SC2 5-way adapter (for Multi-mode fiber)
BPanel cutout
Panel thickness: 1.6mm
35
1.8
24
13
+0.5
+0.5
3
CL No.
704-0024-1-51
704-0290-5-01
Part Number
HSC2-4A(51)
HSC2-4A-D1(01)
Split sleeve
Copper alloy
Zirconia
CL No.
704-0025-4-51
Part Number
HSC2-5A(51)
Split sleeve
Copper alloy



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com