Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F876ATI/ML Datasheet(PDF) 138 Page - Microchip Technology

Part # PIC16F876ATI/ML
Description  28/40-pin Enhanced FLASH Microcontrollers
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F876ATI/ML Datasheet(HTML) 138 Page - Microchip Technology

Back Button PIC16F876ATI/ML Datasheet HTML 134Page - Microchip Technology PIC16F876ATI/ML Datasheet HTML 135Page - Microchip Technology PIC16F876ATI/ML Datasheet HTML 136Page - Microchip Technology PIC16F876ATI/ML Datasheet HTML 137Page - Microchip Technology PIC16F876ATI/ML Datasheet HTML 138Page - Microchip Technology PIC16F876ATI/ML Datasheet HTML 139Page - Microchip Technology PIC16F876ATI/ML Datasheet HTML 140Page - Microchip Technology PIC16F876ATI/ML Datasheet HTML 141Page - Microchip Technology PIC16F876ATI/ML Datasheet HTML 142Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 234 page
background image
PIC16F87XA
DS39582B-page 136
 2003 Microchip Technology Inc.
12.1
Comparator Configuration
There are eight modes of operation for the compara-
tors. The CMCON register is used to select these
modes. Figure 12-1 shows the eight possible modes.
The TRISA register controls the data direction of the
comparator pins for each mode. If the Comparator
mode is changed, the comparator output level may not
be valid for the specified mode change delay shown in
Section 17.0 “Electrical Characteristics”.
FIGURE 12-1:
COMPARATOR I/O OPERATING MODES
Note:
Comparator interrupts should be disabled
during
a
Comparator
mode
change.
Otherwise, a false interrupt may occur.
C1
RA0/AN0
VIN-
VIN+
RA3/AN3
Off (Read as ‘0’)
Comparators Reset
A
A
CM2:CM0 = 000
C2
RA1/AN1
VIN-
VIN+
RA2/AN2
Off (Read as ‘0’)
A
A
C1
RA0/AN0
VIN-
VIN+
RA3/AN3
C1OUT
Two Independent Comparators
A
A
CM2:CM0 = 010
C2
RA1/AN1
VIN-
VIN+
RA2/AN2
C2OUT
A
A
C1
RA0/AN0
VIN-
VIN+
RA3/AN3
C1OUT
Two Common Reference Comparators
A
A
CM2:CM0 = 100
C2
RA1/AN1
VIN-
VIN+
RA2/AN2
C2OUT
A
D
C2
RA1/AN1
VIN-
VIN+
RA2/AN2
Off (Read as ‘0’)
One Independent Comparator with Output
D
D
CM2:CM0 = 001
C1
RA0/AN0
VIN-
VIN+
RA3/AN3
C1OUT
A
A
C1
RA0/AN0
VIN-
VIN+
RA3/AN3
Off (Read as ‘0’)
Comparators Off (POR Default Value)
D
D
CM2:CM0 = 111
C2
RA1/AN1
VIN-
VIN+
RA2/AN2
Off (Read as ‘0’)
D
D
C1
RA0/AN0
VIN-
VIN+
RA3/AN3
C1OUT
Four Inputs Multiplexed to Two Comparators
A
A
CM2:CM0 = 110
C2
RA1/AN1
VIN-
VIN+
RA2/AN2
C2OUT
A
A
From Comparator
CIS = 0
CIS = 1
CIS = 0
CIS = 1
C1
RA0/AN0
VIN-
VIN+
RA3/AN3
C1OUT
Two Common Reference Comparators with Outputs
A
A
CM2:CM0 = 101
C2
RA1/AN1
VIN-
VIN+
RA2/AN2
C2OUT
A
D
A = Analog Input, port reads zeros always. D = Digital Input. CIS (CMCON<3>) is the Comparator Input Switch.
CVREF
C1
RA0/AN0
VIN-
VIN+
RA3/AN3
C1OUT
Two Independent Comparators with Outputs
A
A
CM2:CM0 = 011
C2
RA1/AN1
VIN-
VIN+
RA2/AN2
C2OUT
A
A
RA4/T0CKI/C1OUT
RA5/AN4/SS/C2OUT
RA4/T0CKI/C1OUT
RA5/AN4/SS/C2OUT
RA4/T0CKI/C1OUT
VREF Module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com