Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASBSV8-LED5 Datasheet(PDF) 106 Page - Lumberg

Part # ASBSV8-LED5
Description  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

ASBSV8-LED5 Datasheet(HTML) 106 Page - Lumberg

Back Button ASBSV8-LED5 Datasheet HTML 102Page - Lumberg ASBSV8-LED5 Datasheet HTML 103Page - Lumberg ASBSV8-LED5 Datasheet HTML 104Page - Lumberg ASBSV8-LED5 Datasheet HTML 105Page - Lumberg ASBSV8-LED5 Datasheet HTML 106Page - Lumberg ASBSV8-LED5 Datasheet HTML 107Page - Lumberg ASBSV8-LED5 Datasheet HTML 108Page - Lumberg ASBSV8-LED5 Datasheet HTML 109Page - Lumberg ASBSV8-LED5 Datasheet HTML 110Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 178 page
background image
1-717-217-2299
www.lumberg-automationusa.com
106
DeviceNet
DeviceNet-Devices, 16 IN | 8 0UT
0930 DSL 108
0930 DSL 109
0930 DSL 312
0930 DSL 313
0930 DSL 107
Part No.
0930 DSL 108
Part No.
0930 DSL 109
Part No.
0930 DSL 312
Part No.
0930 DSL 313
Part No.
0930 DSL 107
16 IN (p)
DeviceNet Device with 16 Digital Inputs (p-switching)
to Connect Standard Sensors, M12 Socket, Rotary
Switches for Addressing, M12 Bus Connection.
16 IN (n)
DeviceNet Device with 16 Digital Inputs (n-switching)
to Connect Standard Sensors, M12 Socket, Rotary
Switches for Addressing, M12 Bus Connection.
16 IN (p)
DeviceNet Device with 16 Digital Inputs (p-switching)
to Connect Standard Sensors, M12 Socket, Rotary
Switches for Addressing, 7/8” Bus Connection.
16 IN (n)
DeviceNet Device with 16 Digital Inputs (n-switching)
to Connect Standard Sensors, M12 Socket, Rotary
Switches for Addressing, 7/8” Bus Connection.
8 OUT
DeviceNet Device with 8 Digital Outputs (2 A) to
Connect Standard Actuators, M12 Socket, Rotary
Switches for Addressing, M12 Bus Connection, 7/8”
Actuator Supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com