Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTPA-S38FUMWE Datasheet(PDF) 5 Page - Lite-On Technology Corporation

Part # LTPA-S38FUMWE
Description  SMD LED
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPA-S38FUMWE Datasheet(HTML) 5 Page - Lite-On Technology Corporation

  LTPA-S38FUMWE Datasheet HTML 1Page - Lite-On Technology Corporation LTPA-S38FUMWE Datasheet HTML 2Page - Lite-On Technology Corporation LTPA-S38FUMWE Datasheet HTML 3Page - Lite-On Technology Corporation LTPA-S38FUMWE Datasheet HTML 4Page - Lite-On Technology Corporation LTPA-S38FUMWE Datasheet HTML 5Page - Lite-On Technology Corporation LTPA-S38FUMWE Datasheet HTML 6Page - Lite-On Technology Corporation LTPA-S38FUMWE Datasheet HTML 7Page - Lite-On Technology Corporation LTPA-S38FUMWE Datasheet HTML 8Page - Lite-On Technology Corporation LTPA-S38FUMWE Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
4/15
Part No. :LTPA-S38FUMWE
BNS-OD-FC002/A4
SMD LED
LTPA-S38FUMWE (PRELIMINARY)
Notes
1.
All of the VF value are typical and the real bin range please refer
”VF Binning Parameter”.
2.
All of the Flux value are typical and the real Bin range please refer
”Flux Binning Parameter”.
3.
Tolerance of Flux is ±10%, Tolerance of VF is ±5%, and tolerance of CRI is ±3.
3.2 Electrical / Optical Characteristics at Ta=25°C
Parameter
Symbol
Values
Unit
Test
Condition
Min
Typ.
Max
Correlated Color
Temperature
CCT
--
6500
--
K
IF = 700mA
Color Rendering Index
CRI
--
70
--
-
Viewing Angle
1/2
--
120
--
deg
Forward Voltage
VF
3.0
3.25
3.75
V
Luminous Flux
ΦV
180
280
lm


Similar Part No. - LTPA-S38FUMWE

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTPA-S38FUMWE LITEON-LTPA-S38FUMWE Datasheet
715Kb / 15P
SMD LED
LTPA-S38FUMWE LITEON-LTPA-S38FUMWE_16 Datasheet
715Kb / 15P
SMD LED
More results

Similar Description - LTPA-S38FUMWE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LG-170DGM-CT ETC-LG-170DGM-CT Datasheet
146Kb / 11P
LED SMD
logo
KODENSHI_AUK CORP.
SY2336-G KODENSHI-SY2336-G Datasheet
204Kb / 5P
SMD LED
SY2336-GA KODENSHI-SY2336-GA Datasheet
204Kb / 5P
SMD LED
SO2336-G KODENSHI-SO2336-G Datasheet
203Kb / 5P
SMD LED
SIB2336E-HD2 KODENSHI-SIB2336E-HD2 Datasheet
295Kb / 6P
SMD LED
logo
Lite-On Technology Corp...
LTST-S32F1KT-5A LITEON-LTST-S32F1KT-5A_15 Datasheet
877Kb / 13P
SMD LED
LTSA-T67RZHETA LITEON-LTSA-T67RZHETA Datasheet
920Kb / 15P
SMD LED
LTSA-T680 LITEON-LTSA-T680 Datasheet
776Kb / 14P
SMD LED
LTPL-C0675WPNB LITEON-LTPL-C0675WPNB Datasheet
629Kb / 16P
SMD LED
LTSA-C190TBA5 LITEON-LTSA-C190TBA5 Datasheet
482Kb / 14P
SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com