Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTPA-S38FUMWE Datasheet(PDF) 15 Page - Lite-On Technology Corporation

Part # LTPA-S38FUMWE
Description  SMD LED
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPA-S38FUMWE Datasheet(HTML) 15 Page - Lite-On Technology Corporation

Back Button LTPA-S38FUMWE Datasheet HTML 8Page - Lite-On Technology Corporation LTPA-S38FUMWE Datasheet HTML 9Page - Lite-On Technology Corporation LTPA-S38FUMWE Datasheet HTML 10Page - Lite-On Technology Corporation LTPA-S38FUMWE Datasheet HTML 11Page - Lite-On Technology Corporation LTPA-S38FUMWE Datasheet HTML 12Page - Lite-On Technology Corporation LTPA-S38FUMWE Datasheet HTML 13Page - Lite-On Technology Corporation LTPA-S38FUMWE Datasheet HTML 14Page - Lite-On Technology Corporation LTPA-S38FUMWE Datasheet HTML 15Page - Lite-On Technology Corporation LTPA-S38FUMWE Datasheet HTML 16Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
14/15
Part No. :LTPA-S38FUMWE
BNS-OD-FC002/A4
SMD LED
LTPA-S38FUMWE (PRELIMINARY)
9. autions
9.1 An LED is a current-operated device. In order to ensure intensity uniformity on multiple LEDs connected in
parallel in an application, it is recommended that a current limiting resistor be incorporated in the drive
circuit, in series with each LED as shown in Circuit below.
LED
LED
Circuit model A
Circuit model B
(A) Recommended circuit.
(B) The brightness of each LED might appear different due to the differences in the I-V characteristics of
those LEDs.
9.2 Do not put any pressure on the light emitting surface either by finger or any hand tool and do not stack the
COB products. Stress or pressure may cause damage to the wires of the LED array.
9.3 This product is not designed for the use under any of the following conditions, please confirm the
performance and reliability are well enough if you use it under any of the following conditions
・Do not use sulfur-containing materials in commercial products including the materials such as seals and
adhesives that may contain sulfur.
・Do not put this product in a place with a lot of moisture (over 85% relative humidity), dew condensation,
briny air, and corrosive gas (Cl, H2S, NH3, SO2, NOX, etc.), exposure to a corrosive environment may
affect silver plating.
9.4 ESD (Electrostatic Discharge)
Static Electricity or power surge will damage the LED. Suggestions to prevent ESD damage:
Use of a conductive wrist band or anti-electrostatic glove when handling these LEDs.
All devices, equipment, and machinery must be properly grounded.
Work tables, storage racks, etc. should be properly grounded.
Use ion blower to neutralize the static charge wh
ich might have built up on surface of the LED’s plastic
lens as a result of friction between LEDs during storage and handling.
ESD-damaged LEDs will exhibit abnormal characteristics such as high reverse leakage current, low forward
voltage, or “no light up” at low currents.
To verify for ESD damage, check for “light up” and VF of the suspect LEDs at low currents.


Similar Part No. - LTPA-S38FUMWE

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTPA-S38FUMWE LITEON-LTPA-S38FUMWE Datasheet
715Kb / 15P
SMD LED
LTPA-S38FUMWE LITEON-LTPA-S38FUMWE_16 Datasheet
715Kb / 15P
SMD LED
More results

Similar Description - LTPA-S38FUMWE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LG-170DGM-CT ETC-LG-170DGM-CT Datasheet
146Kb / 11P
LED SMD
logo
KODENSHI_AUK CORP.
SY2336-G KODENSHI-SY2336-G Datasheet
204Kb / 5P
SMD LED
SY2336-GA KODENSHI-SY2336-GA Datasheet
204Kb / 5P
SMD LED
SO2336-G KODENSHI-SO2336-G Datasheet
203Kb / 5P
SMD LED
SIB2336E-HD2 KODENSHI-SIB2336E-HD2 Datasheet
295Kb / 6P
SMD LED
logo
Lite-On Technology Corp...
LTST-S32F1KT-5A LITEON-LTST-S32F1KT-5A_15 Datasheet
877Kb / 13P
SMD LED
LTSA-T67RZHETA LITEON-LTSA-T67RZHETA Datasheet
920Kb / 15P
SMD LED
LTSA-T680 LITEON-LTSA-T680 Datasheet
776Kb / 14P
SMD LED
LTPL-C0675WPNB LITEON-LTPL-C0675WPNB Datasheet
629Kb / 16P
SMD LED
LTSA-C190TBA5 LITEON-LTSA-C190TBA5 Datasheet
482Kb / 14P
SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com