Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTSA-T680 Datasheet(PDF) 5 Page - Lite-On Technology Corporation

Part # LTSA-T680
Description  SMD LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTSA-T680 Datasheet(HTML) 5 Page - Lite-On Technology Corporation

  LTSA-T680 Datasheet HTML 1Page - Lite-On Technology Corporation LTSA-T680 Datasheet HTML 2Page - Lite-On Technology Corporation LTSA-T680 Datasheet HTML 3Page - Lite-On Technology Corporation LTSA-T680 Datasheet HTML 4Page - Lite-On Technology Corporation LTSA-T680 Datasheet HTML 5Page - Lite-On Technology Corporation LTSA-T680 Datasheet HTML 6Page - Lite-On Technology Corporation LTSA-T680 Datasheet HTML 7Page - Lite-On Technology Corporation LTSA-T680 Datasheet HTML 8Page - Lite-On Technology Corporation LTSA-T680 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
4/13
Part No. : LTSA-T680
BNS-OD-FC002/A4
SMD LED
LTSA-T680 (PRELIMINARY)
Notes:
1.
Luminous intensity is measured with a light sensor and filter combination that approximates the CIE
eye-response curve
2.
1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
3.
The dominant wavelength, λd is derived from the CIE chromaticity diagram and represents the single
wavelength which defines the color of the device. Dominate Wavelength Tolerance is +/- 1nm.
4.
Forward Voltage Tolerance is +/- 0.1 volt.
5.
Reverse voltage (VR) condition is applied to IR test only. The device is not designed for reverse operation.
3.3 Electrical / Optical Characteristics at Ta=25°C
Parameter
Symbol
Part No.
LTSA-
Min.
Typ.
Max.
Unit
Test
Condition
Luminous Intensity
IV
T680ZGWT
1120
-
2800
mcd
IF = 20mA
Note 1
T680ZBWT
180
-
560
Viewing Angle
2
1/2
T680
-
120
-
deg
Note 2 (Fig.5)
Peak Emission Wavelength
P
T680ZGWT
-
518
-
nm
Measurement
@Peak (Fig.1)
T680ZBWT
468
Dominant Wavelength
d
T680ZGWT
520
-
530
nm
IF = 20mA
Note 3
T680ZBWT
465
475
Spectral Line Half-Width

T680ZGWT
-
35
-
nm
T680ZBWT
35
Forward Voltage
VF
T680
2.8
-
3.8
V
IF = 20mA
Note 4
Reverse Current
IR
T680
-
10
μA
VR =5V
Note 5
ESD-Withstand Voltage
ESD
T680
2K
V
HBM


Similar Part No. - LTSA-T680

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTSA-T680QEWT LITEON-LTSA-T680QEWT Datasheet
638Kb / 12P
   SMD LED
LTSA-T680UAET LITEON-LTSA-T680UAET Datasheet
978Kb / 13P
   SMD LED
LTSA-T680UBWT LITEON-LTSA-T680UBWT Datasheet
845Kb / 13P
   SMD LED
LTSA-T680UBWT-WT LITEON-LTSA-T680UBWT-WT Datasheet
645Kb / 12P
   SMD LED
LTSA-T680UGWT LITEON-LTSA-T680UGWT Datasheet
749Kb / 13P
   SMD LED
More results

Similar Description - LTSA-T680

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LG-170DGM-CT ETC-LG-170DGM-CT Datasheet
146Kb / 11P
   LED SMD
logo
KODENSHI_AUK CORP.
SIB2336E-HD2 KODENSHI-SIB2336E-HD2 Datasheet
295Kb / 6P
   SMD LED
SY2336-G KODENSHI-SY2336-G Datasheet
204Kb / 5P
   SMD LED
SY2336-GA KODENSHI-SY2336-GA Datasheet
204Kb / 5P
   SMD LED
SO2336-G KODENSHI-SO2336-G Datasheet
203Kb / 5P
   SMD LED
logo
Lite-On Technology Corp...
LTPA-S38FUMWE LITEON-LTPA-S38FUMWE Datasheet
745Kb / 16P
   SMD LED
LTSA-T67RZHETA LITEON-LTSA-T67RZHETA Datasheet
920Kb / 15P
   SMD LED
LTST-S32F1KT-5A LITEON-LTST-S32F1KT-5A_15 Datasheet
877Kb / 13P
   SMD LED
LTPL-C0675WPNB LITEON-LTPL-C0675WPNB Datasheet
629Kb / 16P
   SMD LED
LTSA-C190TBA5 LITEON-LTSA-C190TBA5 Datasheet
482Kb / 14P
   SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com