Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTSA-T680 Datasheet(PDF) 13 Page - Lite-On Technology Corporation

Part # LTSA-T680
Description  SMD LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTSA-T680 Datasheet(HTML) 13 Page - Lite-On Technology Corporation

Back Button LTSA-T680 Datasheet HTML 6Page - Lite-On Technology Corporation LTSA-T680 Datasheet HTML 7Page - Lite-On Technology Corporation LTSA-T680 Datasheet HTML 8Page - Lite-On Technology Corporation LTSA-T680 Datasheet HTML 9Page - Lite-On Technology Corporation LTSA-T680 Datasheet HTML 10Page - Lite-On Technology Corporation LTSA-T680 Datasheet HTML 11Page - Lite-On Technology Corporation LTSA-T680 Datasheet HTML 12Page - Lite-On Technology Corporation LTSA-T680 Datasheet HTML 13Page - Lite-On Technology Corporation LTSA-T680 Datasheet HTML 14Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
12/13
Part No. : LTSA-T680
BNS-OD-FC002/A4
SMD LED
LTSA-T680 (PRELIMINARY)
8. Reliability Test
8.1 Test Item/Condition:
No.
Test item
Test condition
Reference standard
1
Pre-conditioning
MSL 3
125℃, 24 hrs baking
Moisture Soak 60℃/60% 52 hrs
Interval: 15mins ~ 4 hours to do IR-Reflow
JESD22 A-113
2
High Temperature
Forward Bias (HTFB)
Ta=55 ± 2°C
IF: 30 mA
1000 hrs
EIAJ ED-4701/100
(101)
3
High Temperature
Forward Bias (HTFB)
Ta=100 ± 2°C
IF: 2mA
1000 hrs
EIAJ ED-4701/100
(101)
4
Low Temperature
Operating Life
Ta=-40 ± 2°C
IF=30mA
1000 hrs
EIAJ ED-4701/100
(101)
5
High Temperature
Storage
Ta=100 ± 2°C
1000 hrs
EIAJ ED-4701/100
(201)
6
Low Temperature
Storage
Ta=-40 ± 2°C
1000 hrs
EIAJ ED-4701/100
(202)
7
High Temperature
High Humidity Bias
(HTHHB)
Ta=60℃, Rh=90%
IF=28mA
1000 hrs
EIAJ ED-4701/100
(102)
8
Thermal Shock
(air to air)
-40℃ ± 5℃ ~ 100 ± 5℃
30min
30min
300cycles
EIAJ ED-4701/300
(307)
9
Temperature Cycle (TC)
-40°C~ 25°C ~100°C~ 25°C
30 min
5 min
30 min
5 min
300 cycles
EIAJ ED-4701/100
(105)
10
Resistance
to
Solder
Heat
Tsld=260°C, 10sec. 3times
JESD22A-111
11
Solderability
Tsld = 245± 5°C, 5sec,
Leas-free Solder
J-STD-002
JESD22B102


Similar Part No. - LTSA-T680

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTSA-T680QEWT LITEON-LTSA-T680QEWT Datasheet
638Kb / 12P
SMD LED
LTSA-T680UAET LITEON-LTSA-T680UAET Datasheet
978Kb / 13P
SMD LED
LTSA-T680UBWT LITEON-LTSA-T680UBWT Datasheet
845Kb / 13P
SMD LED
LTSA-T680UBWT-WT LITEON-LTSA-T680UBWT-WT Datasheet
645Kb / 12P
SMD LED
LTSA-T680UGWT LITEON-LTSA-T680UGWT Datasheet
749Kb / 13P
SMD LED
More results

Similar Description - LTSA-T680

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LG-170DGM-CT ETC-LG-170DGM-CT Datasheet
146Kb / 11P
LED SMD
logo
KODENSHI_AUK CORP.
SIB2336E-HD2 KODENSHI-SIB2336E-HD2 Datasheet
295Kb / 6P
SMD LED
SY2336-G KODENSHI-SY2336-G Datasheet
204Kb / 5P
SMD LED
SY2336-GA KODENSHI-SY2336-GA Datasheet
204Kb / 5P
SMD LED
SO2336-G KODENSHI-SO2336-G Datasheet
203Kb / 5P
SMD LED
logo
Lite-On Technology Corp...
LTPA-S38FUMWE LITEON-LTPA-S38FUMWE Datasheet
745Kb / 16P
SMD LED
LTSA-T67RZHETA LITEON-LTSA-T67RZHETA Datasheet
920Kb / 15P
SMD LED
LTST-S32F1KT-5A LITEON-LTST-S32F1KT-5A_15 Datasheet
877Kb / 13P
SMD LED
LTPL-C0675WPNB LITEON-LTPL-C0675WPNB Datasheet
629Kb / 16P
SMD LED
LTSA-C190TBA5 LITEON-LTSA-C190TBA5 Datasheet
482Kb / 14P
SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com