Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P4C1024 Datasheet(PDF) 9 Page - Pyramid Semiconductor Corporation

Part # P4C1024
Description  HIGH SPEED 128K X 8 CMOS STATIC RAM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C1024 Datasheet(HTML) 9 Page - Pyramid Semiconductor Corporation

  P4C1024 Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C1024 Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C1024 Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C1024 Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C1024 Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C1024 Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C1024 Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C1024 Datasheet HTML 8Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 8 page
background image
P4C1024
Page 9 of 14
Document # SRAM124 REV A
* Military temperature range with MIL-STD-883, Class B compliance.
N/A = Not Available
55
70
85
100
120
Plastic DIP (300 mil)
N/A
N/A
N/A
N/A
N/A
Plastic SOJ (300 mil)
N/A
N/A
N/A
N/A
N/A
Plastic SOJ (400 mil)
N/A
N/A
N/A
N/A
N/A
Plastic DIP (300 mil)
N/A
N/A
N/A
N/A
N/A
Plastic SOJ (300 mil)
N/A
N/A
N/A
N/A
N/A
Plastic SOJ (400 mil)
N/A
N/A
N/A
N/A
N/A
Ceramic DIP (600 mil)
-55C6M
-70C6M
-85C6M
-100C6M
-120C6M
Ceramic DIP (400 mil)
-55C4M
-70C4M
-85C4M
-100C4M
-120C4M
Solder Seal Flatpack
-55FSM
-70FSM
-85FSM
-100FSM
-120FSM
LCC (450 x 550 mil)
-55LM
-70LM
-85LM
-100LM
-120LM
Ceramic SOJ
-55CJM
-70CJM
-85CJM
-100CJM
-120CJM
Ceramic DIP (600 mil)
-55C6MB
-70C6MB
-85C6MB
-100C6MB
-120C6MB
Ceramic DIP (400 mil)
-55C4MB
-70C4MB
-85C4MB
-100C4MB
-120C4MB
Solder Seal Flatpack
-55FSMB
-70FSMB
-85FSMB
-100FSMB
-120FSMB
LCC (450 x 550 mil)
-55LMB
-70LMB
-85LMB
-100LMB
-120LMB
Ceramic SOJ
-55CJMB
-70CJMB
-85CJMB
-100CJMB
-120CJMB
Commercial
Speed
Military
Processed*
Military
Temperature
Temperature
Range
Package
Industrial



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com