Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647CUTD7 Datasheet(PDF) 167 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647CUTD7
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647CUTD7 Datasheet(HTML) 167 Page - Texas Instruments

Back Button TMS320DM647CUTD7 Datasheet HTML 163Page - Texas Instruments TMS320DM647CUTD7 Datasheet HTML 164Page - Texas Instruments TMS320DM647CUTD7 Datasheet HTML 165Page - Texas Instruments TMS320DM647CUTD7 Datasheet HTML 166Page - Texas Instruments TMS320DM647CUTD7 Datasheet HTML 167Page - Texas Instruments TMS320DM647CUTD7 Datasheet HTML 168Page - Texas Instruments TMS320DM647CUTD7 Datasheet HTML 169Page - Texas Instruments TMS320DM647CUTD7 Datasheet HTML 170Page - Texas Instruments TMS320DM647CUTD7 Datasheet HTML 171Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 190 page
background image
TMS320DM647
TMS320DM648
www.ti.com
SPRS372H – MAY 2007 – REVISED APRIL 2012
Table 6-78. Ethernet Switch Registers (continued)
HEX ADDRESS RANGE
REGISTER ACRONYM
DESCRIPTION
0x02D0 3128
RX_BUFFER_OFFSET
CPDMA Rx Buffer Offset Register
0x02D0 312C
EMCONTROL
CPDMA Emulation Control Register
0x02D0 3130 - 0x02D0 317C
reserved
0x02D0 3180
TX_INTSTAT_RAW
CPDMA Tx interrupt Status Register (raw value)
0x02D0 3184
TX_INTSTAT_MASKED
CPDMA Tx Interrupt Status Register (masked value)
0x02D0 3188
TX_INTMASK_SET
CPDMA Tx Interrupt Mask Set Register
0x02D0 318C
TX_INTMASK_CLEAR
CPDMA Tx Interrupt Mask Clear Register
0x02D0 3190
CPDMA_IN_VECTOR
CPDMA Input Vector Register (read only)
0x02D0 3194
CPDMA_EOI_VECTOR
CPDMA End Of Interrupt Vector Register
0x02D0 3198 - 0x02D0 319C
reserved
0x02D0 31A0
RX_INTSTAT_RAW
CPDMA Rx Interrupt Status Register (raw value)
0x02D0 31A4
RX_INTSTAT_MASKED
CPDMA Rx Interrupt Status Register (masked value)
0x02D0 31A8
RX_INTMASK_SET
CPDMA Rx Interrupt Mask Set Register
0x02D0 31AC
RX_INTMASK_CLEAR
CPDMA Rx Interrupt Mask Clear Register
0x02D0 31B0
DMA_INTSTAT_RAW
CPDMA DMA Interrupt Status Register (raw value)
0x02D0 31B4
DMA_INTSTAT_MASKED
CPDMA DMA Interrupt Status Register (masked value)
0x02D0 31B8
DMA_INTMASK_SET
CPDMA DMA Interrupt Mask Set Register
0x02D0 31BC
DMA_INTMASK_CLEAR
CPDMA DMA Interrupt Mask Clear Register
0x02D0 31C0
RX0_PENDTHRESH
CPDMA Rx Threshold Pending Register Channel 0
0x02D0 31C4
RX1_PENDTHRESH
CPDMA Rx Threshold Pending Register Channel 1
0x02D0 31C8
RX2_PENDTHRESH
CPDMA Rx Threshold Pending Register Channel 2
0x02D0 31CC
RX3_PENDTHRESH
CPDMA Rx Threshold Pending Register Channel 3
0x02D0 31D0
RX4_PENDTHRESH
CPDMA Rx Threshold Pending Register Channel 4
0x02D0 31D4
RX5_PENDTHRESH
CPDMA Rx Threshold Pending Register Channel 5
0x02D0 31D8
RX6_PENDTHRESH
CPDMA Rx Threshold Pending Register Channel 6
0x02D0 31DC
RX7_PENDTHRESH
CPDMA Rx Threshold Pending Register Channel 7
0x02D0 31E0
RX0_FREEBUFFER
CPDMA Rx Free Buffer Register Channel 0
0x02D0 31E4
RX1_FREEBUFFER
CPDMA Rx Free Buffer Register Channel 1
0x02D0 31E8
RX2_FREEBUFFER
CPDMA Rx Free Buffer Register Channel 2
0x02D0 31EC
RX3_FREEBUFFER
CPDMA Rx Free Buffer Register Channel 3
0x02D0 31F0
RX4_FREEBUFFER
CPDMA Rx Free Buffer Register Channel 4
0x02D0 31F4
RX5_FREEBUFFER
CPDMA Rx Free Buffer Register Channel 5
0x02D0 31F8
RX6_FREEBUFFER
CPDMA Rx Free Buffer Register Channel 6
0x02D0 31FC
RX7_FREEBUFFER
CPDMA Rx Free Buffer Register Channel 7
0x02D0 3200
TX0_HDP
CPDMA Tx Channel 0 Head Desc Pointer
0x02D0 3204
TX1_HDP
CPDMA Tx Channel 1 Head Desc Pointer
0x02D0 3208
TX2_HDP
CPDMA Tx Channel 2 Head Desc Pointer
0x02D0 320C
TX3_HDP
CPDMA Tx Channel 3 Head Desc Pointer
0x02D0 3210
TX4_HDP
CPDMA Tx Channel 4 Head Desc Pointer
0x02D0 3214
TX5_HDP
CPDMA Tx Channel 5 Head Desc Pointer
0x02D0 3218
TX6_HDP
CPDMA Tx Channel 6 Head Desc Pointer
0x02D0 321C
TX7_HDP
CPDMA Tx Channel 7 Head Desc Pointer
0x02D0 3220
RX0_HDP
CPDMA Rx 0 Channel 0 Head Desc Pointer
0x02D0 3224
RX1_HDP
CPDMA Rx 1 Channel 1 Head Desc Pointer
0x02D0 3228
RX2_HDP
CPDMA Rx 2 Channel 2 Head Desc Pointer
0x02D0 322C
RX3_HDP
CPDMA Rx 3 Channel 3 Head Desc Pointer
0x02D0 3230
RX4_HDP
CPDMA Rx 4 Channel 4 Head Desc Pointer
Copyright © 2007–2012, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
167
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com