Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647CUTD7 Datasheet(PDF) 109 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647CUTD7
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647CUTD7 Datasheet(HTML) 109 Page - Texas Instruments

Back Button TMS320DM647CUTD7 Datasheet HTML 105Page - Texas Instruments TMS320DM647CUTD7 Datasheet HTML 106Page - Texas Instruments TMS320DM647CUTD7 Datasheet HTML 107Page - Texas Instruments TMS320DM647CUTD7 Datasheet HTML 108Page - Texas Instruments TMS320DM647CUTD7 Datasheet HTML 109Page - Texas Instruments TMS320DM647CUTD7 Datasheet HTML 110Page - Texas Instruments TMS320DM647CUTD7 Datasheet HTML 111Page - Texas Instruments TMS320DM647CUTD7 Datasheet HTML 112Page - Texas Instruments TMS320DM647CUTD7 Datasheet HTML 113Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 190 page
background image
A1
A1
E0
T
E1
T
E2
DM648
E3
T
T
TMS320DM647
TMS320DM648
www.ti.com
SPRS372H – MAY 2007 – REVISED APRIL 2012
Table 6-38. CK and ADDR_CTRL Routing Specification(1)
NO
PARAMETER
MIN
TYP
MAX
UNIT
1
Center to center CK-CK spacing
2w
2
CK A to B/A to C Skew Length Mismatch(1)
25
Mils
3
CK B to C Skew Length Mismatch
25
Mils
4
Center to center CK to other DDR2 trace spacing(2)
4w
5
CK/ADDR_CTRL nominal trace length(3)
CACLM-50
CACLM
CACLM+50
Mils
6
ADDR_CTRL to CK Skew Length Mismatch
100
Mils
7
ADDR_CTRL to ADDR_CTRL Skew Length Mismatch
100
Mils
8
Center to center ADDR_CTRL to other DDR2 trace spacing(2)
4w
9
Center to center ADDR_CTRL to other ADDR_CTRL trace spacing(2)
3w
10
ADDR_CTRL A to B/A to C Skew Length Mismatch(1)
100
Mils
11
ADDR_CTRL B to C Skew Length Mismatch
100
Mils
(1)
Series terminator, if used, should be located closest to DSP.
(2)
Center to center spacing is allowed to fall to minimum (w) for up to 500 mils of routed length to accommodate BGA escape and routing
congestion.
(3)
CACLM is the longest Manhattan distance of the CK and ADDR_CTRL net classes.
Figure 6-17 shows the topology and routing for the DQS and DQ net classes; the routes are point to point.
Skew matching across bytes is not needed nor recommended.
A.
DM648 is shown in this figure as an example of the device and represents the entire set of devices that include:
DM647/DM648.
Figure 6-17. DQS and DQ Routing and Toplogy
Table 6-39. DQS and DQ Routing Specification (1)
NO.
PARAMETER
MIN
TYP
MAX
UNIT
1
Center to center DQS-DQS spacing
2 w
2
DQS E Skew Length Mismatch
25
Mils
3
Center to center DQS to other DDR2 trace spacing(2)
4 w
4
DQS/DQ nominal trace length(1) (3) (4) (5)
DQLM-50
DQLM
DQLM+50
Mils
5
DQ to DQS Skew Length Mismatch(3) (4) (5)
100
Mils
6
DQ to DQ Skew Length Mismatch(3) (4) (5)
100
Mils
(1)
Series terminator, if used, should be located closest to DDR.
(2)
Center to center spacing is allowed to fall to minimum (w) for up to 500 mils of routed length to accommodate BGA escape and routing
congestion.
(3)
A 16-bit DDR memory system has two sets of data net classes, one for data byte 0, and one for data byte 1, each with an associated
DQS (2 DQSs).
(4)
A 32-bit DDR memory system will have four sets of data net classes, one each for data bytes 0 through 3, and each associated with a
DQS (4 DQSs).
(5)
There is no need and it is not recommended to skew match across data bytes, i.e., from DQS0 and data byte 0 to DQS1 and data byte
1.
Copyright © 2007–2012, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
109
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com