Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647CUTD7 Datasheet(PDF) 139 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647CUTD7
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647CUTD7 Datasheet(HTML) 139 Page - Texas Instruments

Back Button TMS320DM647CUTD7 Datasheet HTML 135Page - Texas Instruments TMS320DM647CUTD7 Datasheet HTML 136Page - Texas Instruments TMS320DM647CUTD7 Datasheet HTML 137Page - Texas Instruments TMS320DM647CUTD7 Datasheet HTML 138Page - Texas Instruments TMS320DM647CUTD7 Datasheet HTML 139Page - Texas Instruments TMS320DM647CUTD7 Datasheet HTML 140Page - Texas Instruments TMS320DM647CUTD7 Datasheet HTML 141Page - Texas Instruments TMS320DM647CUTD7 Datasheet HTML 142Page - Texas Instruments TMS320DM647CUTD7 Datasheet HTML 143Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 190 page
background image
TMS320DM647
TMS320DM648
www.ti.com
SPRS372H – MAY 2007 – REVISED APRIL 2012
6.16.3 HPI Electrical Data/Timing
Table 6-66. Timing Requirements for Host-Port Interface Cycles(1) (2) (see Figure 6-40 through Figure 6-
47)
720, 800, 900, 1100
NO.
UNIT
MIN
MAX
9
tsu(HASL-HSTBL)
Setup time, HAS low before HSTROBE low
5
ns
10
th(HSTBL-HASL)
Hold time, HAS low after HSTROBE low
2
ns
11
tsu(SELV-HASL)
Setup time, select signals(3) valid before HAS low
5
ns
12
th(HASL-SELV)
Hold time, select signals(3) valid after HAS low
5
ns
13
tw(HSTBL)
Pulse duration, HSTROBE low
2M
ns
14
tw(HSTBH)
Pulse duration, HSTROBE high between consecutive accesses
2M
ns
15
tsu(SELV-HSTBL)
Setup time, select signals(3) valid before HSTROBE low
5
ns
16
th(HSTBL-SELV)
Hold time, select signals(3) valid after HSTROBE low
5
ns
17
tsu(HDV-HSTBH)
Setup time, host data valid before HSTROBE high
5
ns
18
th(HSTBH-HDV)
Hold time, host data valid after HSTROBE high
1
ns
37
tsu(HCSL-HSTBL)
Setup time, HCS low before HSTROBE low
0
ns
Hold time, HSTROBE low after HRDY low. HSTROBE should not be
38
th(HRDYL-HSTBL)
inactivated until HRDY is active (low); otherwise, HPI writes will not
1.1
ns
complete properly.
(1)
HSTROBE refers to the following logical operation on HCS, HDS1, and HDS2: [NOT (HDS1 XOR HDS2)] OR HCS.
(2)
M = SYSCLK3 period = 6/CPU clock frequency in ns.
(3)
Select signals include: HCNTL[1:0] and HR/W. For HPI16 mode only, select signals also include HHWIL.
Copyright © 2007–2012, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
139
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com