Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W-2 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # W-2
Description  Edison base plug fuses ??fast-acting, 125 volts, 1/2??2 amps
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

W-2 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  W-2 Datasheet HTML 1Page - Cooper Bussmann, Inc. W-2 Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Edison base plug fuses – fast-acting, 125 volts,
1/2–12 amps
Catalog symbol:
W - (amps)
Description:
Bussmann® series fast-acting Edison base
plug fuse.
Specifications:
Ratings
Volts — 125 Vac or less
Amps — 1/2 to 12 A
Interrupting rating — 10 kA RMS Sym
Agency Information
UL® Listed, Std. 248-11, Guide JEFV, File
E12112
CE
Catalog numbers (amps)
W - 1/2
W - 5
W - 1
W - 6
W - 1-8/10
W - 6-1/2
W - 2
W - 7
W - 2-1/2
W - 8
W - 3
W - 10
W - 4
W - 12
Package quantity and weight
Amp
ratings
Quantity
Weight
Per
box
Per
card
Per
box
Per 5
cards
15 to 30 A
4
1
0.96
1.20
W-15, W-20, W-25, and W-30 plug fuses
obsoleted suggest replacing with either
T-(amp) or TL-(amp) plug fuses
Both the T and TL Bussmann series plug
fuses offer similar short-circuit protection to
the W plug fuses. In addition, the T and TL
plug fuses offer time-delay performance for
overload currents (typically between one and
six times the rated current of the fuse). For
most applications, this feature is preferred to
allow harmless inrush currents to pass without
causing the fuse to open unnecessarily. The TL
plug fuses (data sheet No. 1035) utilize a loaded
link construction and provide medium-duty
performance. The T plug fuses (data sheet No.
1034) utilize the advanced dual-element design
for heavy-duty performance. This construction
makes the T plug fuses the preferred selection.
For additional information, please see the
applicable data sheets.
Features:
For lighting, heating or other circuits that do
not contain electric motors
Edison base size
These fuses thread into fuse receptacles or
Bussmann series box cover units
The general purpose (W) fuse has no
time-delay feature and should not be used in
circuits that contain motors
Recommended fuse holders
Catalog
numbers
Type
box
Catalog
numbers
Type
box
SOU
2 1/4”
handy
SOY
4”
square
SRU
SRY
SSU
SSY
SOW
2 3/4”
handy
SSY-RL
SRW
STY
SSW
SCY
SOX
4”
octagon
SOY-B
SRX
SSN
Single
gang
Technical Data 1036
Effective May 2016
Supersedes June 2003
BUSSMANN
SERIES


Similar Part No. - W-2

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
W-2 EATON-W-2 Datasheet
127Kb / 2P
   Edison base plug fuses ??fast-acting, 125 volts, 1/2??2 amps
W-2-1/2 EATON-W-2-1/2 Datasheet
127Kb / 2P
   Edison base plug fuses ??fast-acting, 125 volts, 1/2??2 amps
More results

Similar Description - W-2

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
W-1-2 EATON-W-1-2 Datasheet
127Kb / 2P
   Edison base plug fuses ??fast-acting, 125 volts, 1/2??2 amps
logo
Cooper Bussmann, Inc.
TL-15 COOPER-TL-15 Datasheet
147Kb / 2P
   Edison base plug fuses ??time-delay, 125 volts, 15-30 amps
logo
Eaton All Rights Reserv...
TL-15 EATON-TL-15 Datasheet
147Kb / 2P
   Edison base plug fuses ??time-delay, 125 volts, 15-30 amps
logo
Cooper Bussmann, Inc.
TL-20 COOPER-TL-20 Datasheet
24Kb / 1P
   Plug Fuses Time-Delay, Edison Base 125 Volts, 15??0 Amps
logo
Eaton All Rights Reserv...
T-3-10 EATON-T-3-10 Datasheet
129Kb / 2P
   Edison base plug fuses ??dual-element, time-delay, 125 volts, up to 30 amps
logo
Cooper Bussmann, Inc.
T-2-1-4 COOPER-T-2-1-4 Datasheet
26Kb / 1P
   Dual-Element, Time-Delay, Edison Base 125 Volts, 1??0 Amps
T-310 COOPER-T-310 Datasheet
129Kb / 2P
   Edison base plug fuses ??dual-element
logo
Eaton All Rights Reserv...
SL-15 EATON-SL-15 Datasheet
147Kb / 2P
   Rejection base plug fuses ??time-delay, 125 volts, 15-30 amps
logo
Cooper Bussmann, Inc.
BAF-1 COOPER-BAF-1 Datasheet
270Kb / 2P
   BAF 13??2? x 1-1/2? 250Vac fast-acting supplemental fuses
logo
Eaton All Rights Reserv...
BAF EATON-BAF Datasheet
270Kb / 2P
   BAF 13??2? x 1-1/2? 250Vac fast-acting supplemental fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com