Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T-10 Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # T-10
Description  Edison base plug fuses ??dual-element
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

T-10 Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  T-10 Datasheet HTML 1Page - Cooper Bussmann, Inc. T-10 Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TechnicalData1034
Effective May 2016
For Eaton’s Bussmann series
product information,
call 1-855-287-7626 or visit:
Eaton.com/bussmannseries
Eaton and Bussmann are valuable
trademarks of Eaton in the US and other
countries. You are not permitted to use the
Eaton trademarks without prior written
consent of Eaton.
CSA is a registered trademark of the
Canadian Standards Group.
UL is a registered trademark of the
Underwriters Laboratories, Inc.
Eaton
1000 Eaton Boulevard
Cleveland, OH 44122
United States
Eaton.com
Bussmann Division
114 Old State Road
Ellisville, MO 63021
United States
Eaton.com/bussmannseries
© 2016 Eaton
All Rights Reserved
Printed in USA
Publication No. 1034 – SB98107
May 2016
Follow us on social media to get the
latest product and support information.
Edison base plug fuses
dual-element, time-delay, 125 volts, up to 30 amps
The only controlled copy of this Data Sheet is the electronic read-only version located on the Eaton Network Drive. All other copies of this
document are by definition uncontrolled. This bulletin is intended to clearly present comprehensive product data and provide technical
information that will help the end user with design applications. Eaton reserves the right, without notice, to change design or construction
of any products and to discontinue or limit distribution of any products. Eaton also reserves the right to change or update, without notice,
any technical information contained in this bulletin. Once a product has been selected, it should be tested by the user in all possible
applications.
100
10
1
0.1
0.01
Current in amps
Amp
rating
Time-current curve – average melt


Similar Part No. - T-10

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
T-10 EATON-T-10 Datasheet
129Kb / 2P
   Edison base plug fuses ??dual-element, time-delay, 125 volts, up to 30 amps
logo
Panasonic Semiconductor
T-10 PANASONIC-T-10 Datasheet
386Kb / 7P
   Multi-purpose Snap Switches capable of 10 A
logo
3M Electronics
T-100 3M-T-100 Datasheet
281Kb / 5P
   3M??Petroleum Sorbents
logo
Tyco Electronics
T-1000 MACOM-T-1000 Datasheet
126Kb / 1P
   Two-Way Power Divider 10 - 1000 MHz
logo
Rhombus Industries Inc.
T-1000 RHOMBUS-IND-T-1000 Datasheet
37Kb / 1P
   HDSL Application Pulse Transformer
More results

Similar Description - T-10

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
TC-15 COOPER-TC-15 Datasheet
163Kb / 2P
   Edison base CSA plug fuses ??dual-element
S-1 COOPER-S-1 Datasheet
126Kb / 2P
   Rejection base plug fuses ??dual-element
logo
Eaton All Rights Reserv...
T-3-10 EATON-T-3-10 Datasheet
129Kb / 2P
   Edison base plug fuses ??dual-element, time-delay, 125 volts, up to 30 amps
logo
Cooper Bussmann, Inc.
T-2-1-4 COOPER-T-2-1-4 Datasheet
26Kb / 1P
   Dual-Element, Time-Delay, Edison Base 125 Volts, 1??0 Amps
TL-15 COOPER-TL-15 Datasheet
147Kb / 2P
   Edison base plug fuses ??time-delay, 125 volts, 15-30 amps
logo
Eaton All Rights Reserv...
TL-15 EATON-TL-15 Datasheet
147Kb / 2P
   Edison base plug fuses ??time-delay, 125 volts, 15-30 amps
logo
Cooper Bussmann, Inc.
TL-20 COOPER-TL-20 Datasheet
24Kb / 1P
   Plug Fuses Time-Delay, Edison Base 125 Volts, 15??0 Amps
logo
Eaton All Rights Reserv...
W-1-2 EATON-W-1-2 Datasheet
127Kb / 2P
   Edison base plug fuses ??fast-acting, 125 volts, 1/2??2 amps
logo
Cooper Bussmann, Inc.
W-12 COOPER-W-12 Datasheet
127Kb / 2P
   Edison base plug fuses ??fast-acting, 125 volts, 1/2??2 amps
logo
Eaton All Rights Reserv...
S-1-4 EATON-S-1-4 Datasheet
126Kb / 2P
   Rejection base plug fuses ??dual-element, time-delay 125 volt, up to 30 amps
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com