Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W-52TDI-GT Datasheet(PDF) 4 Page - Copal Electronics

Part # W-52TDI-GT
Description  CMOS White LED Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

W-52TDI-GT Datasheet(HTML) 4 Page - Copal Electronics

  W-52TDI-GT Datasheet HTML 1Page - Copal Electronics W-52TDI-GT Datasheet HTML 2Page - Copal Electronics W-52TDI-GT Datasheet HTML 3Page - Copal Electronics W-52TDI-GT Datasheet HTML 4Page - Copal Electronics W-52TDI-GT Datasheet HTML 5Page - Copal Electronics W-52TDI-GT Datasheet HTML 6Page - Copal Electronics W-52TDI-GT Datasheet HTML 7Page - Copal Electronics W-52TDI-GT Datasheet HTML 8Page - Copal Electronics W-52TDI-GT Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
W-52
4
TYPICAL CHARACTERISTICS
(VIN = 3.6 V, TAMB =25 C, CIN = 4.7 F, COUT =1 F, L = 6.8 H, unless otherwise specified.)
Figure 2. Quiescent Current vs. Input Voltage
Figure 3. Quiescent Current vs. Temperature
(
E
R
U
T
A
R
E
P
M
E
T
)
V
(
E
G
A
T
L
O
V
T
U
P
N
I
C)
7
6
5
4
3
2
200
300
400
500
600
125
100
75
50
25
0
25
50
200
300
400
500
600
Figure 4. Switching Frequency vs. Input
Voltage
Figure 5. Switching Frequency vs.
Temperature
(
E
R
U
T
A
R
E
P
M
E
T
)
V
(
E
G
A
T
L
O
V
T
U
P
N
I
C)
7
6
5
4
3
2
0
0.4
0.8
1.2
1.6
2.0
100
125
75
50
25
0
25
50
0
0.4
0.8
1.2
1.6
2.0
Figure 6. LED Current vs. Input Voltage
Figure 7. LED Current vs. Temperature
(
E
R
U
T
A
R
E
P
M
E
T
)
V
(
E
G
A
T
L
O
V
T
U
P
N
I
C)
7
6
5
4
3
2
0
5
10
15
20
25
30
35
125
100
75
50
25
0
25
50
0
5
10
15
20
VIN = 2 V
VIN = 7 V
RSET = 750
RSET = 1.13 k
RSET = 1.50 k
RSET = 2.26 k


Similar Part No. - W-52TDI-GT

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
W-5200-5 COPAL-W-5200-5 Datasheet
227Kb / 11P
   Low Noise Regulated
W-5200TDI-G3 COPAL-W-5200TDI-G3 Datasheet
227Kb / 11P
   Low Noise Regulated
W-5200TDI-GT COPAL-W-5200TDI-GT Datasheet
227Kb / 11P
   Low Noise Regulated
W-5200ZI-G3 COPAL-W-5200ZI-G3 Datasheet
227Kb / 11P
   Low Noise Regulated
W-5200ZI-GT COPAL-W-5200ZI-GT Datasheet
227Kb / 11P
   Low Noise Regulated
More results

Similar Description - W-52TDI-GT

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT32 CATALYST-CAT32 Datasheet
193Kb / 14P
   CMOS White LED Driver
logo
ON Semiconductor
CAT32EKT ONSEMI-CAT32EKT Datasheet
172Kb / 11P
   CMOS White LED Driver
March, 2010 ??Rev. 4
CAT32 ONSEMI-CAT32_14 Datasheet
134Kb / 11P
   CMOS White LED Driver
April, 2014 ??Rev. 5
logo
Catalyst Semiconductor
CAT32 CATALYST-CAT32_08 Datasheet
296Kb / 14P
   CMOS White LED Driver
logo
ON Semiconductor
CAT32TDI-T3 ONSEMI-CAT32TDI-T3 Datasheet
473Kb / 13P
   CMOS White LED Driver
Doc. No. MD-5005 Rev. V
CAT32 ONSEMI-CAT32 Datasheet
194Kb / 11P
   CMOS White LED Driver
March, 2010 ??Rev. 4
logo
ELM Technology Corporat...
ELM900 ELM-TECH-ELM900 Datasheet
632Kb / 2P
   CMOS White LED flashlight driver
logo
ELM Electronics
ELM900 ELM-ELM900 Datasheet
632Kb / 2P
   CMOS White LED flashlight driver
logo
ELM Technology Corporat...
ELM900B-S ELM-TECH-ELM900B-S Datasheet
54Kb / 2P
   CMOS White LED flashlight driver
logo
ELM Electronics
ELM900-SERIES ELM-ELM900-SERIES Datasheet
632Kb / 2P
   CMOS White LED flashlight driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com