Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W-5200TDI-GT Datasheet(PDF) 11 Page - Copal Electronics

Part # W-5200TDI-GT
Description  Low Noise Regulated
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

W-5200TDI-GT Datasheet(HTML) 11 Page - Copal Electronics

Back Button W-5200TDI-GT Datasheet HTML 3Page - Copal Electronics W-5200TDI-GT Datasheet HTML 4Page - Copal Electronics W-5200TDI-GT Datasheet HTML 5Page - Copal Electronics W-5200TDI-GT Datasheet HTML 6Page - Copal Electronics W-5200TDI-GT Datasheet HTML 7Page - Copal Electronics W-5200TDI-GT Datasheet HTML 8Page - Copal Electronics W-5200TDI-GT Datasheet HTML 9Page - Copal Electronics W-5200TDI-GT Datasheet HTML 10Page - Copal Electronics W-5200TDI-GT Datasheet HTML 11Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
W-5200 5
Example of Ordering Information (Note 5)
Prefix
Device #
Suffix
Company ID
W
-
5200
TD
Product Number
5200
I
3
T
G
Package
I = Industrial ( 40 C to +85 C)
Temperature Range
TD: TSOT 23
Z: MSOP
Lead Finish
G: NiPdAu
T: Tape & Reel
3: 3,000 Units / Reel
Tape & Reel
(Optional)
3. All packages are RoHS compliant (Lead free, Halogen free).
4. The standard lead finish is NiPdAu.
5. The device used in the above example is a W-5200TDI GT3 (TSOT 23, Industrial Temperature, NiPdAu, Tape & Reel, 3,000/Reel).
W-5200/
NIDEC COPAL reserves the right to make changes without further notice to any products herein.
NIDEC COPAL makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does NIDEC COPAL assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in NIDEC COPAL data sheets and/or specifications can and do vary in different applications and actual performance may vary over time.
NIDEC COPAL does not convey any license under its patent rights nor the rights of others.
NIDEC COPAL products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to
support or sustain life, or for any other application in which the failure of the NIDEC COPAL product could create a situation where personal injury or death may occur.
Should Buyer purchase or use NIDEC COPAL products for any such unintended or unauthorized application, Buyer shall indemnify and hold NIDEC COPAL and its officers,
employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly,
any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that NIDEC COPAL was negligent regarding the design or
manufacture of the part.


Similar Part No. - W-5200TDI-GT

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
W-52 COPAL-W-52 Datasheet
194Kb / 11P
CMOS White LED Driver
W-52TDI-G3 COPAL-W-52TDI-G3 Datasheet
194Kb / 11P
CMOS White LED Driver
W-52TDI-GT COPAL-W-52TDI-GT Datasheet
194Kb / 11P
CMOS White LED Driver
More results

Similar Description - W-5200TDI-GT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2687 NSC-LM2687 Datasheet
222Kb / 8P
Low Noise Regulated Switched Capacitor Voltage
logo
Maxim Integrated Produc...
MAX840 MAXIM-MAX840 Datasheet
161Kb / 10P
Low-Noise, Regulated, -2V GaAsFET Bias
Rev 1; 3/96
logo
National Semiconductor ...
LM2787 NSC-LM2787 Datasheet
214Kb / 8P
Low Noise Regulated Switched Capacitor Voltage
logo
Microchip Technology
MCP1253 MICROCHIP-MCP1253 Datasheet
440Kb / 18P
Low Noise, Positive-Regulated Charge Pump
2002
MCP1252 MICROCHIP-MCP1252_13 Datasheet
395Kb / 20P
Low Noise, Positive-Regulated Charge Pump
11/29/12
logo
List of Unclassifed Man...
KTPS200-12160-S ETC2-KTPS200-12160-S Datasheet
412Kb / 1P
Regulated Output with Low Ripple Noise
logo
Linear Technology
LTC1550 LINER-LTC1550_15 Datasheet
298Kb / 12P
Low Noise, Switched Capacitor Regulated Voltage Inverters
logo
Microchip Technology
MCP1252 MICROCHIP-MCP1252_14 Datasheet
562Kb / 20P
Low-Noise, Positive-Regulated Charge Pump
03/25/14
logo
XP Power Limited
P12P XPPOWER-P12P Datasheet
509Kb / 5P
LOW-POWER, LOW-NOISE, REGULATED HIGH-VOLTAGE SUPPLY
logo
Arch Electronics Corp.
AJC_SERIES ARCH-AJC_SERIES Datasheet
572Kb / 6P
Regulated Output and Low Ripple and Low Noise
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com