Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W-5200TDI-GT Datasheet(PDF) 3 Page - Copal Electronics

Part # W-5200TDI-GT
Description  Low Noise Regulated
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

W-5200TDI-GT Datasheet(HTML) 3 Page - Copal Electronics

  W-5200TDI-GT Datasheet HTML 1Page - Copal Electronics W-5200TDI-GT Datasheet HTML 2Page - Copal Electronics W-5200TDI-GT Datasheet HTML 3Page - Copal Electronics W-5200TDI-GT Datasheet HTML 4Page - Copal Electronics W-5200TDI-GT Datasheet HTML 5Page - Copal Electronics W-5200TDI-GT Datasheet HTML 6Page - Copal Electronics W-5200TDI-GT Datasheet HTML 7Page - Copal Electronics W-5200TDI-GT Datasheet HTML 8Page - Copal Electronics W-5200TDI-GT Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
W-5200 5
3
Table 3. RECOMMENDED OPERATING CONDITIONS
Parameters
Ratings
Units
VIN
2.7 to 4.5
V
CIN, COUT, CFLY
1
F
ILOAD
0 to 100
mA
Ambient Temperature Range
40 to +85
C
Table 4. ELECTRICAL SPECIFICATIONS
(Recommended operating conditions unless otherwise specified. CIN, COUT, CFLY are 1 F ceramic capacitors and VIN is set to 3.6 V.)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VOUT
Regulated Output
ILOAD
40 mA, VIN
2.7 V
ILOAD 100 mA, VIN
3.1 V
4.8
5.0
5.2
V
VLINE
Line Regulation
3.1 V
VIN
4.5 V, ILOAD = 50 mA
6
mV
VLOAD
Load Regulation
ILOAD = 10 mA to 100 mA, VIN = 3.6 V
20
mV
FOSC
Switching Frequency
1.3
2.0
2.6
MHz
VR
Output Ripple Voltage
ILOAD = 100 mA
W-520
5 Only
30
mVp p
80
%
IGND
1.6
4
mA
ISHDN
1
A
ILOAD = 50 mA, VIN = 3 V, W-520
ILOAD = 0 mA, SHDN = VIN
ILOAD = 0 mA, SHDN = 0 V to VIN
ROL
ILOAD = 100 mA, VIN = 3 V (Note 1)
10
TON
ILOAD = 0 mA, VIN = 3 V
0.5
ms
VIHSHDN
0.8
1.3
V
VILSHDN
0.4
V
IROUT
VOUT = 5 V, Shutdown mode (Note 2)
15
30
A
ISC
VOUT = 0 V
80
mA
TSD
160
C
THYST
Efficiency
Ground Current
Shutdown Input Current
Open Loop Resistance
VOUT Turn on time (10% to 90%)
High Detect Shutdown Threshold
Low Detect Shutdown Threshold
Reverse Leakage into OUT pin
Short circuit Output
Thermal Shutdown
Thermal Hysteresis
20
C
1. ROL = (2VIN
VOUT)/IOUT
2. In the event of a controlled shutdown, the output will be isolated from the input, but will remain connected to the internal resistor feedback
network. This will cause a small level of reverse current to flow back into the device to ground.


Similar Part No. - W-5200TDI-GT

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
W-52 COPAL-W-52 Datasheet
194Kb / 11P
CMOS White LED Driver
W-52TDI-G3 COPAL-W-52TDI-G3 Datasheet
194Kb / 11P
CMOS White LED Driver
W-52TDI-GT COPAL-W-52TDI-GT Datasheet
194Kb / 11P
CMOS White LED Driver
More results

Similar Description - W-5200TDI-GT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2687 NSC-LM2687 Datasheet
222Kb / 8P
Low Noise Regulated Switched Capacitor Voltage
logo
Maxim Integrated Produc...
MAX840 MAXIM-MAX840 Datasheet
161Kb / 10P
Low-Noise, Regulated, -2V GaAsFET Bias
Rev 1; 3/96
logo
National Semiconductor ...
LM2787 NSC-LM2787 Datasheet
214Kb / 8P
Low Noise Regulated Switched Capacitor Voltage
logo
Microchip Technology
MCP1253 MICROCHIP-MCP1253 Datasheet
440Kb / 18P
Low Noise, Positive-Regulated Charge Pump
2002
MCP1252 MICROCHIP-MCP1252_13 Datasheet
395Kb / 20P
Low Noise, Positive-Regulated Charge Pump
11/29/12
logo
List of Unclassifed Man...
KTPS200-12160-S ETC2-KTPS200-12160-S Datasheet
412Kb / 1P
Regulated Output with Low Ripple Noise
logo
Linear Technology
LTC1550 LINER-LTC1550_15 Datasheet
298Kb / 12P
Low Noise, Switched Capacitor Regulated Voltage Inverters
logo
Microchip Technology
MCP1252 MICROCHIP-MCP1252_14 Datasheet
562Kb / 20P
Low-Noise, Positive-Regulated Charge Pump
03/25/14
logo
XP Power Limited
P12P XPPOWER-P12P Datasheet
509Kb / 5P
LOW-POWER, LOW-NOISE, REGULATED HIGH-VOLTAGE SUPPLY
logo
Arch Electronics Corp.
AJC_SERIES ARCH-AJC_SERIES Datasheet
572Kb / 6P
Regulated Output and Low Ripple and Low Noise
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com