Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W-5200TDI-G3 Datasheet(PDF) 4 Page - Copal Electronics

Part # W-5200TDI-G3
Description  Low Noise Regulated
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

W-5200TDI-G3 Datasheet(HTML) 4 Page - Copal Electronics

  W-5200TDI-G3 Datasheet HTML 1Page - Copal Electronics W-5200TDI-G3 Datasheet HTML 2Page - Copal Electronics W-5200TDI-G3 Datasheet HTML 3Page - Copal Electronics W-5200TDI-G3 Datasheet HTML 4Page - Copal Electronics W-5200TDI-G3 Datasheet HTML 5Page - Copal Electronics W-5200TDI-G3 Datasheet HTML 6Page - Copal Electronics W-5200TDI-G3 Datasheet HTML 7Page - Copal Electronics W-5200TDI-G3 Datasheet HTML 8Page - Copal Electronics W-5200TDI-G3 Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
W-5200 5
4
TYPICAL PERFORMANCE CHARACTERISTICS (W-5200 5)
(TAMB = 25 C, CIN = COUT = CFLY =1 F, VIN = 3.3 V unless specified otherwise.)
Figure . Shutdown Input Threshold vs.
Supply Voltage
Figure . Ground Current vs. Supply Voltage
(No Load)
)
V
(
E
G
A
T
L
O
V
T
U
P
N
I
)
V
(
E
G
A
T
L
O
V
T
U
P
N
I
4.5
4.2
3.9
3.6
3.3
3.0
2.7
0.4
0.5
0.6
0.7
0.8
1.0
1.1
1.2
4.5
4.2
3.9
3.6
3.3
3.0
2.7
1.2
1.4
1.6
1.8
2.0
2.2
LOAD CURRENT (mA)
Figure . Load Regulation
INPUT VOLTAGE (V)
Figure . Line Regulation
4.5
4.2
3.9
3.6
3.3
3.0
2.7
4.8
4.9
5.1
5.2
150
100
50
0
4.8
4.9
5.0
5.1
5.2
Figure . Oscillator Frequency vs. Supply
Voltage
10
LOAD CURRENT (mA)
Figure . Efficiency vs. Load Current
)
V
(
E
G
A
T
L
O
V
T
U
P
N
I
4.5
4.2
3.9
3.6
3.3
3.0
2.7
1.6
1.8
2.0
2.2
2.4
2.6
100
1
30
40
50
60
70
80
90
100
0.9
5.0
20 mA Load
100 mA Load
VIN = 3.2 V
VIN = 3.0 V
VIN = 2.7 V
VIN = 3.2 V
VIN = 2.7 V
VIN = 3.7 V
VIN = 4.5 V


Similar Part No. - W-5200TDI-G3

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
W-52 COPAL-W-52 Datasheet
194Kb / 11P
   CMOS White LED Driver
W-52TDI-G3 COPAL-W-52TDI-G3 Datasheet
194Kb / 11P
   CMOS White LED Driver
W-52TDI-GT COPAL-W-52TDI-GT Datasheet
194Kb / 11P
   CMOS White LED Driver
More results

Similar Description - W-5200TDI-G3

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1252 MICROCHIP-MCP1252_13 Datasheet
395Kb / 20P
   Low Noise, Positive-Regulated Charge Pump
11/29/12
logo
Maxim Integrated Produc...
MAX840 MAXIM-MAX840 Datasheet
161Kb / 10P
   Low-Noise, Regulated, -2V GaAsFET Bias
Rev 1; 3/96
logo
Microchip Technology
MCP1253 MICROCHIP-MCP1253 Datasheet
440Kb / 18P
   Low Noise, Positive-Regulated Charge Pump
2002
logo
National Semiconductor ...
LM2687 NSC-LM2687 Datasheet
222Kb / 8P
   Low Noise Regulated Switched Capacitor Voltage
LM2787 NSC-LM2787 Datasheet
214Kb / 8P
   Low Noise Regulated Switched Capacitor Voltage
logo
List of Unclassifed Man...
KTPS200-12160-S ETC2-KTPS200-12160-S Datasheet
412Kb / 1P
   Regulated Output with Low Ripple Noise
logo
Microchip Technology
MCP1252 MICROCHIP-MCP1252_14 Datasheet
562Kb / 20P
   Low-Noise, Positive-Regulated Charge Pump
03/25/14
logo
XP Power Limited
P12P XPPOWER-P12P Datasheet
509Kb / 5P
   LOW-POWER, LOW-NOISE, REGULATED HIGH-VOLTAGE SUPPLY
logo
Arch Electronics Corp.
AJC_SERIES ARCH-AJC_SERIES Datasheet
572Kb / 6P
   Regulated Output and Low Ripple and Low Noise
logo
Linear Technology
LTC1550 LINER-LTC1550_15 Datasheet
298Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com