Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W-5200ZI-G3 Datasheet(PDF) 1 Page - Copal Electronics

Part # W-5200ZI-G3
Description  Low Noise Regulated
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

W-5200ZI-G3 Datasheet(HTML) 1 Page - Copal Electronics

  W-5200ZI-G3 Datasheet HTML 1Page - Copal Electronics W-5200ZI-G3 Datasheet HTML 2Page - Copal Electronics W-5200ZI-G3 Datasheet HTML 3Page - Copal Electronics W-5200ZI-G3 Datasheet HTML 4Page - Copal Electronics W-5200ZI-G3 Datasheet HTML 5Page - Copal Electronics W-5200ZI-G3 Datasheet HTML 6Page - Copal Electronics W-5200ZI-G3 Datasheet HTML 7Page - Copal Electronics W-5200ZI-G3 Datasheet HTML 8Page - Copal Electronics W-5200ZI-G3 Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
NIDEC COPAL ELECTRONICS CORP.
, 201
Rev. 1
1
Publication Order Number:
W-5200/
W-5200-5
Low Noise Regulated
Charge Pump DC-DC Converter
Description
The
are switched capacitor boost converters that deliver
a low noise, regulated output voltage.
W-520
gives a fixed regulated 5 V output.
The constant frequency 2 MHz charge pump allows small 1 F
ceramic capacitors to be used.
Maximum output loads of up to 100 mA can be supported over a
wide range of input supply voltages (2.7 V to 4.5 V) making the device
ideal for battery powered applications.
A shutdown control input allows the device to be placed in
power d own mode, reducing the supply current to less than
.
In the event of short circuit or overload conditions, the device is
fully protected by both foldback current limiting and thermal overload
detection. In addition, a soft start, slew rate control circuit limits inrush
current during power up.
The
is a
1 mm max thin SOT23 package.
Features
Constant High Frequency (2 MHz) Operation
100 mA Output Current
Regulated Output Voltage (5 V Fixed
Low Quiescent Current (1.7 mA Typ.)
Input Voltage Operation down to 2.7 V
Soft Start, Slew Rate Control
Thermal Overload Shutdown Protection
Low Value External Capacitors (1 F)
Foldback Current Overload Protection
Shutdown Current less than 1 A
Low Profile (1 mm Thin)
l ead TSO
2 3 Package
These Devices are Pb Free, Halogen Free/BFR Free and are RoHS
Compliant
Applications
3 V to 5 V Boost Conversion
White LED Driver
USB On The Go 5 V Supply
Local 5 V Supply from Lower Rail
Battery Backup Systems
Handheld Portable Devices
PIN CONFIGURATIONS
TSOT 23
(Top Views)
CPOS
IN
CNEG
SHDN
GND
OUT
1
SOT23
1
1. NiPdAu Plated Finish (RoH
compliant).
Device
Package
Shipping
ORDERING INFORMATION
3
TSOT23 6
(Pb Free)
3,000 / Tape &
Reel
(Note 1)


Similar Part No. - W-5200ZI-G3

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
W-52 COPAL-W-52 Datasheet
194Kb / 11P
CMOS White LED Driver
W-52TDI-G3 COPAL-W-52TDI-G3 Datasheet
194Kb / 11P
CMOS White LED Driver
W-52TDI-GT COPAL-W-52TDI-GT Datasheet
194Kb / 11P
CMOS White LED Driver
More results

Similar Description - W-5200ZI-G3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2687 NSC-LM2687 Datasheet
222Kb / 8P
Low Noise Regulated Switched Capacitor Voltage
logo
Maxim Integrated Produc...
MAX840 MAXIM-MAX840 Datasheet
161Kb / 10P
Low-Noise, Regulated, -2V GaAsFET Bias
Rev 1; 3/96
logo
National Semiconductor ...
LM2787 NSC-LM2787 Datasheet
214Kb / 8P
Low Noise Regulated Switched Capacitor Voltage
logo
Microchip Technology
MCP1253 MICROCHIP-MCP1253 Datasheet
440Kb / 18P
Low Noise, Positive-Regulated Charge Pump
2002
MCP1252 MICROCHIP-MCP1252_13 Datasheet
395Kb / 20P
Low Noise, Positive-Regulated Charge Pump
11/29/12
logo
List of Unclassifed Man...
KTPS200-12160-S ETC2-KTPS200-12160-S Datasheet
412Kb / 1P
Regulated Output with Low Ripple Noise
logo
Linear Technology
LTC1550 LINER-LTC1550_15 Datasheet
298Kb / 12P
Low Noise, Switched Capacitor Regulated Voltage Inverters
logo
Microchip Technology
MCP1252 MICROCHIP-MCP1252_14 Datasheet
562Kb / 20P
Low-Noise, Positive-Regulated Charge Pump
03/25/14
logo
XP Power Limited
P12P XPPOWER-P12P Datasheet
509Kb / 5P
LOW-POWER, LOW-NOISE, REGULATED HIGH-VOLTAGE SUPPLY
logo
Arch Electronics Corp.
AJC_SERIES ARCH-AJC_SERIES Datasheet
572Kb / 6P
Regulated Output and Low Ripple and Low Noise
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com