Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W-5200ZI-G3 Datasheet(PDF) 6 Page - Copal Electronics

Part # W-5200ZI-G3
Description  Low Noise Regulated
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

W-5200ZI-G3 Datasheet(HTML) 6 Page - Copal Electronics

Back Button W-5200ZI-G3 Datasheet HTML 2Page - Copal Electronics W-5200ZI-G3 Datasheet HTML 3Page - Copal Electronics W-5200ZI-G3 Datasheet HTML 4Page - Copal Electronics W-5200ZI-G3 Datasheet HTML 5Page - Copal Electronics W-5200ZI-G3 Datasheet HTML 6Page - Copal Electronics W-5200ZI-G3 Datasheet HTML 7Page - Copal Electronics W-5200ZI-G3 Datasheet HTML 8Page - Copal Electronics W-5200ZI-G3 Datasheet HTML 9Page - Copal Electronics W-5200ZI-G3 Datasheet HTML 10Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
W-5200 5
6
Block Diagram
5 5 V Fixed Output
+
EN
2MHz
Voltage
Doubler
300 k
100 k
1.25 V
GND
IN
5V
100 mA
OUT
SHDN
CNEG
CPOS
2VIN
Pin Functions
IN is the power supply. During normal operation the device
draws a supply current which is almost constant. A very
brief interval of non conduction will occur at the switching
frequency. The duration of the non conduction interval is
set by the internal non overlapping “break before make”
timing. IN should be bypassed with a 1 F to 4.7 Flow
ESR (Equivalent Series Resistance) ceramic capacitor
For filtering, a low ESR ceramic bypass capacitor (1 F)
in close proximity to the IN pin prevents noise from being
injected back into the power supply.
SHDN is the logic control input (Active LOW) that places
the device into shutdown mode. The internal logic is CMOS
and the pin does not use an internal pull down resistor. The
SHDN pin should not be allowed to float.
CPOS, CNEG are the positive and negative connections
respectively for the charge pump flying capacitor. A low
ESR ceramic capacitor (1 F) should be connected between
these pins. During initial power up it may be possible for the
capacitor to experience a voltage reversal and for this reason,
avoid using a polarized (tantalum or aluminum) flying
capacitor.
OUT is the regulated output voltage to power the load.
During normal operation, the device will deliver a train of
current pulses to the pin at a frequency of 2 MHz. Adequate
filtering on the pin can typically be achieved through the use
a low ESR ceramic bypass capacitor (1 F to 4.7 F) in close
proximity to the OUT pin. The ESR of the output capacitor
will directly influence the output ripple voltage.
When the shutdown mode is entered, the output is
immediately isolated from the input supply, however, the
output will remain connected to the internal feedback
resistor network (400 k ). The feedback network will result
in a reverse current of 10 A to 20 A to flow back through
the device to ground.
Whenever the device is taken out of shutdown mode, the
output voltage will experience a slew rate controlled
power up. Full operating voltage is typically achieved in
less than 0.5 msec.
GND is the ground reference for all voltages on
devices.


Similar Part No. - W-5200ZI-G3

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
W-52 COPAL-W-52 Datasheet
194Kb / 11P
CMOS White LED Driver
W-52TDI-G3 COPAL-W-52TDI-G3 Datasheet
194Kb / 11P
CMOS White LED Driver
W-52TDI-GT COPAL-W-52TDI-GT Datasheet
194Kb / 11P
CMOS White LED Driver
More results

Similar Description - W-5200ZI-G3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2687 NSC-LM2687 Datasheet
222Kb / 8P
Low Noise Regulated Switched Capacitor Voltage
logo
Maxim Integrated Produc...
MAX840 MAXIM-MAX840 Datasheet
161Kb / 10P
Low-Noise, Regulated, -2V GaAsFET Bias
Rev 1; 3/96
logo
National Semiconductor ...
LM2787 NSC-LM2787 Datasheet
214Kb / 8P
Low Noise Regulated Switched Capacitor Voltage
logo
Microchip Technology
MCP1253 MICROCHIP-MCP1253 Datasheet
440Kb / 18P
Low Noise, Positive-Regulated Charge Pump
2002
MCP1252 MICROCHIP-MCP1252_13 Datasheet
395Kb / 20P
Low Noise, Positive-Regulated Charge Pump
11/29/12
logo
List of Unclassifed Man...
KTPS200-12160-S ETC2-KTPS200-12160-S Datasheet
412Kb / 1P
Regulated Output with Low Ripple Noise
logo
Linear Technology
LTC1550 LINER-LTC1550_15 Datasheet
298Kb / 12P
Low Noise, Switched Capacitor Regulated Voltage Inverters
logo
Microchip Technology
MCP1252 MICROCHIP-MCP1252_14 Datasheet
562Kb / 20P
Low-Noise, Positive-Regulated Charge Pump
03/25/14
logo
XP Power Limited
P12P XPPOWER-P12P Datasheet
509Kb / 5P
LOW-POWER, LOW-NOISE, REGULATED HIGH-VOLTAGE SUPPLY
logo
Arch Electronics Corp.
AJC_SERIES ARCH-AJC_SERIES Datasheet
572Kb / 6P
Regulated Output and Low Ripple and Low Noise
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com