Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8574IPW Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8574IPW
Description  QUAD, 16-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8574IPW Datasheet(HTML) 3 Page - Texas Instruments

  DAC8574IPW Datasheet HTML 1Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 1 page
background image
www.ti.com
DAC8574
SLAS377A – JANUARY 2003 – REVISED JUNE 2003
ELECTRICAL CHARACTERISTICS
V
DD = 2.7 V to 5.5 V, RL = 2 kΩ to GND; CL = 200 pF to GND; all specifications -40°C to +105°C, unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
STATIC PERFORMANCE (1) (2)
Resolution
16
Bits
Relative accuracy
± 0.0987
% of FSR
Differential nonlinearity
Specified monotonic by design
± 1
LSB
Zero-scale error
5
20
mV
Full-scale error
-0.15
±1.0
% of FSR
Gain error
± 1.0
% of FSR
Zero code error drift
±7
µV/
°C
Gain temperature coefficient
± 3
ppm of FSR/
°C
PSRR
VDD = 5 V
0.75
mV/V
OUTPUT CHARACTERISTICS (3)
Output voltage range
0
VREFH
V
Output voltage settling time (full scale)
RL = 2 kΩ; 0 pF < CL < 200 pF
8
10
µs
RL = 2 kΩ; CL = 500 pF
12
µs
Slew rate
1
V/µs
DC crosstalk
0.25
LSB
AC crosstalk
1 kHz Sine Wave
-100
-96
dB
Capacitive load stability
RL= ∞
470
pF
RL= 2 kΩ
1000
pF
Digital-to-analog glitch impulse
1 LSB change around major carry
20
nV-s
Digital feedthrough
0.5
nV-s
DC output impedance
1
Ω
Short-circuit current
VDD= 5 V
50
mA
VDD= 3 V
20
mA
Power-up time
Coming out of power-down mode, VDD=
2.5
µs
+5 V
Coming out of power-down mode, VDD=
5
µs
+3 V
REFERENCE INPUT
VREFH Input range
0
VDD
V
VREFL Input range
VREFL < VREFH
0
GND
VDD
V
Reference input impedance
35
k
Ω
Reference current
VREF=VDD= +5 V
135
180
µA
VREF=VDD= +3 V
80
120
LOGIC INPUTS (3)
Input current
± 1
µA
VIN_L, Input low voltage
0.3xIOVDD
V
VIN_H, Input high voltage
VDD= 3 V
0.7xIOVDD
V
Pin Capacitance
3
pF
POWER REQUIREMENTS
VDD, IOVDD
2.7
5.5
V
IDD(normal operation)
Excluding load current
IDD@ VDD=+3.6V to +5.5V
VIH= IOVDDand VIL=GND
950
1600
µA
(1)
Linearity tested using a reduced code range of 485 to 64714; output unloaded.
(2)
VREFH = VDD - 0.1 V, VREFL = GND
(3)
Specified by design and characterization, not production tested.
3



Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com