Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L031X4 Datasheet(PDF) 107 Page - STMicroelectronics

Part # STM32L031X4
Description  Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 32KB Flash, 8KB SRAM, 1KB EEPROM, ADC
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L031X4 Datasheet(HTML) 107 Page - STMicroelectronics

Back Button STM32L031X4 Datasheet HTML 103Page - STMicroelectronics STM32L031X4 Datasheet HTML 104Page - STMicroelectronics STM32L031X4 Datasheet HTML 105Page - STMicroelectronics STM32L031X4 Datasheet HTML 106Page - STMicroelectronics STM32L031X4 Datasheet HTML 107Page - STMicroelectronics STM32L031X4 Datasheet HTML 108Page - STMicroelectronics STM32L031X4 Datasheet HTML 109Page - STMicroelectronics STM32L031X4 Datasheet HTML 110Page - STMicroelectronics STM32L031X4 Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 118 page
background image
DocID027063 Rev 4
107/118
STM32L031x4/6
Package information
114
Figure 47. WLCSP25 - 2.097 x 2.493 mm, 0.400 mm pitch wafer level chip scale
recommended footprint
aaa
0.1000
-
-
0.0039
-
-
bbb
0.1000
-
-
0.0039
-
-
ccc
0.1000
-
-
0.0039
-
-
ddd
0.0500
-
-
0.0020
-
-
eee
0.0500
-
-
0.0020
-
-
1. Values in inches are converted from mm and rounded to 4 decimal digits.
2. Back side coating.
3. Dimension is measured at the maximum bump diameter parallel to primary datum Z.
Table 74. WLCSP25 - 2.097 x 2.493 mm, 0.400 mm pitch wafer level chip scale mechanical data
Symbol
Milimeters
Inches(1)
Min
Typ
Max
Min
Typ
Max
Table 75. WLCSP25 recommended PCB design rules
Dimension
Recommended values
Pitch
0.4 mm
Dpad
260 µm max. (circular)
220 µm recommended
Dsm
300 µm min. (for 260 µm diameter pad)
PCB pad design
Non-solder mask defined via underbump allowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com