Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L031X4 Datasheet(PDF) 115 Page - STMicroelectronics

Part # STM32L031X4
Description  Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 32KB Flash, 8KB SRAM, 1KB EEPROM, ADC
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L031X4 Datasheet(HTML) 115 Page - STMicroelectronics

Back Button STM32L031X4 Datasheet HTML 110Page - STMicroelectronics STM32L031X4 Datasheet HTML 111Page - STMicroelectronics STM32L031X4 Datasheet HTML 112Page - STMicroelectronics STM32L031X4 Datasheet HTML 113Page - STMicroelectronics STM32L031X4 Datasheet HTML 114Page - STMicroelectronics STM32L031X4 Datasheet HTML 115Page - STMicroelectronics STM32L031X4 Datasheet HTML 116Page - STMicroelectronics STM32L031X4 Datasheet HTML 117Page - STMicroelectronics STM32L031X4 Datasheet HTML 118Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 115 / 118 page
background image
DocID027063 Rev 4
115/118
STM32L031x4/6
Revision history
117
9
Revision history
Table 79. Document revision history
Date
Revision
Changes
18-Sep-2015
1
Initial release.
22-Oct-2015
2
Datasheet status changed to production data.Updated power
consumption in run mode on cover page.
Updated Table 5: Functionalities depending on the working mode
(from Run/active down to standby).
Modified Figure 6: STM32L031x4/6 UFQFPN28 pinout and
Table 15: Pin definitions.
Updated power dissipation (PD) in Table 20: General operating
conditions.
Updated current consumption with all peripherals enabled in
Table 34: Peripheral current consumption in Run or Sleep mode
and Table 35: Peripheral current consumption in Stop and
Standby mode. Modified tWSTOP for fHCLK=65 MHz in Table 36:
Low-power mode wakeup timings.
Updated Table 24: Current consumption in Run mode, code with
data processing running from Flash memory, Table 25: Current
consumption in Run mode vs code type, code with data
processing running from Flash memory, Figure 15: IDD vs VDD,
at TA= 25/55/85/105 °C, Run mode, code running from Flash
memory, Range 2, HSE = 16 MHz, 1WS and Figure 16: IDD vs
VDD, at TA= 25/55/85/105 °C, Run mode, code running from
Flash memory, Range 2, HSI16, 1WS.
UpdatedTable 26: Current consumption in Run mode, code with
data processing running from RAM and Table 27: Current
consumption in Run mode vs code type, code with data
processing running from RAM, Table 28: Current consumption in
Sleep mode.
Updated Table 29: Current consumption in Low-power run mode
and Figure 17: IDD vs VDD, at TA= 25/55/ 85/105/125 °C, Low-
power run mode, code running from RAM, Range 3, MSI (Range
0) at 64 KHz, 0 WS. Updated Table 30: Current consumption in
Low-power Sleep mode.
Updated Table 31: Typical and maximum current consumptions in
Stop mode, Table 32: Typical and maximum current
consumptions in Standby mode, Figure 18: IDD vs VDD, at TA=
25/55/ 85/105/125 °C, Stop mode with RTC enabled and running
on LSE Low drive and Figure 19: IDD vs VDD, at TA=
25/55/85/105/125 °C, Stop mode with RTC disabled, all clocks
off.
Updated Table 48: EMS characteristics and Table 49: EMI
characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com