Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L052C8 Datasheet(PDF) 132 Page - STMicroelectronics

Part # STM32L052C8
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 64 KB Flash memory, 8 KB SRAM, 2 KB EEPROM, USB, ADC, DAC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L052C8 Datasheet(HTML) 132 Page - STMicroelectronics

Back Button STM32L052C8 Datasheet HTML 128Page - STMicroelectronics STM32L052C8 Datasheet HTML 129Page - STMicroelectronics STM32L052C8 Datasheet HTML 130Page - STMicroelectronics STM32L052C8 Datasheet HTML 131Page - STMicroelectronics STM32L052C8 Datasheet HTML 132Page - STMicroelectronics STM32L052C8 Datasheet HTML 133Page - STMicroelectronics STM32L052C8 Datasheet HTML 134Page - STMicroelectronics STM32L052C8 Datasheet HTML 135Page - STMicroelectronics STM32L052C8 Datasheet HTML 136Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 132 / 136 page
background image
Revision history
STM32L052x6 STM32L052x8
132/136
DocID025936 Rev 6
25-Jun-2014
3
Cover page: changed LQFP32 size, updated core speed, added
minimum supply voltage for ADC, DAC and comparators.
ADC now guaranteed down to 1.65 V.
Updated list of applications in Section 1: Introduction. Changed number
of I2S interfaces to one in Section 2: Description.
Updated Table 2: Ultra-low-power STM32L052x6/x8 device features
and peripheral counts.
Updated RTC/TIM21 in Table 6: STM32L0xx peripherals interconnect
matrix.
Updated Table 3: Functionalities depending on the operating power
supply range.
Splitted LQFP32/UFQFPN32 pinout schematics into two distinct
figures: Figure 7 and Figure 8. Added note related to WLCSP36
package in Table 16: STM32L052x6/8 pin definitions.
Updated Section 3.4.1: Power supply schemes.
Updated VDDA in Table 25: General operating conditions.
Splitted Table Current consumption in Run mode, code with data
processing running from Flash into Table 29 and Table 30 and content
updated. Splitted Table Current consumption in Run mode, code with
data processing running from RAM into Table 31 and Table 32 and
content updated. Updated Table 33: Current consumption in Sleep
mode, Table 34: Current consumption in Low-power run mode,
Table 35: Current consumption in Low-power sleep mode, Table 36:
Typical and maximum current consumptions in Stop mode, Table 37:
Typical and maximum current consumptions in Standby mode, and
added Table 38: Average current consumption during Wakeup.
Updated Table 39: Peripheral current consumption in Run or Sleep
mode and added Table 40: Peripheral current consumption in Stop and
Standby mode.
Updated Table 47: HSI48 oscillator characteristics. Removed note 1
below Figure 21: HSE oscillator circuit diagram.
Updated tLOCK in Table 50: PLL characteristics.
Updated Table 52: Flash memory and data EEPROM characteristics
and Table 53: Flash memory and data EEPROM endurance and
retention.
Updated Table 61: I/O AC characteristics.
Updated Table 63: ADC characteristics.
Updated Figure 56: Thermal resistance and added note 1.
Table 91. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com