Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AF5268 Datasheet(PDF) 116 Page - STMicroelectronics

Part # STM8AF5268
Description  Automotive 8-bit MCU, with up to 128 Kbyte Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF5268 Datasheet(HTML) 116 Page - STMicroelectronics

Back Button STM8AF5268 Datasheet HTML 112Page - STMicroelectronics STM8AF5268 Datasheet HTML 113Page - STMicroelectronics STM8AF5268 Datasheet HTML 114Page - STMicroelectronics STM8AF5268 Datasheet HTML 115Page - STMicroelectronics STM8AF5268 Datasheet HTML 116Page - STMicroelectronics STM8AF5268 Datasheet HTML 117Page - STMicroelectronics STM8AF5268 Datasheet HTML 118Page - STMicroelectronics STM8AF5268 Datasheet HTML 119Page - STMicroelectronics STM8AF5268 Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 125 page
background image
Revision history
STM8AF526x/8x/Ax STM8AF6269/8x/Ax
116/125
DocID14395 Rev 15
22-Aug-2008
2
(continued)
Table 18: Typ. IDD(WFI)HSI vs. VDD @ fCPU = 16 MHz, peripherals
= off: Replaced the source blocks ‘simple USART’, ‘very low-end
timer (timer 4)’, and ‘EEPROM’ with ‘LINUART’, ‘timer4’ and
‘reserved’ respectively, added TMU registers.
Table 20: HSE oscillator circuit diagram: Updated OPT6 and NOPT6,
added OPT7 to 17 (TMU, BL)
Table 21: Typical HSI frequency vs VDD: Updated OPT1 UBC[7:0],
OPT4 CKAWUSEL, OPT4 PRSC [1:0], and OPT6, added OPT7 to
16 (TMU).
Table 23: Operating lifetime: Amended footnotes.
Table 26: Total current consumption in Run, Wait and Slow mode.
General conditions for VDD apply, TA = -40 °C to 150 °C: Added
parameter ‘voltage and current operating conditions’.
Table 27: Total current consumption in Halt and Active-halt modes.
General conditions for VDD applied. TA = -40 °C to 55 °C unless
otherwise stated: Amended footnotes.
Table 28: Oscillator current consumption: Replaced.
Table 29: Programming current consumption: Amended maximum
data and footnotes.
Table 21: Current characteristics: Replaced.
Table 22: Thermal characteristics: Added and amended IDD(RUN)
data; amended IDD(WFI) data; amended footnotes.
Table 32: HSE oscillator characteristics: Filled in, amended
maximum data and footnotes.
Figure 13 to Figure 18: info on peripheral activity added.
Table 33: HSI oscillator characteristics: Modified fHSE_ext data and
added VHSEdhl data.
Table 35: Flash program memory/data EEPROM memory: Removed
ACCHSI parameters and replaced with ACCHS parameters; amended
data and footnotes.
Amended data of ‘RAM and hardware registers’ table.
Table 37: Data memory: Updated names and data of NRW and tRET
parameters.
Table 40: TIM 1, 2, 3, and 4 electrical specifications: Added VOH and
VOL parameters; Updated Ilkg ana parameter.
Removed: Output driving current (standard ports), Output driving
current (true open drain ports), and Output driving current (high sink
ports).
Table 46: EMI data: Updated fADC, tS, and tCONV data.
Table: ADC accuracy for VDDA = 3.3 V: removed the 4-MHz
condition from all parameters.
Table 47: ESD absolute maximum ratings: Removed the 4-MHz
condition from all parameters; updated footnote 1 and removed
footnote 2.
Table 51: LQFP48 - 48-pin, 7 x 7 mm low-profile quad flat package
mechanical data: Added data for TA = 145 °C.
Figure 53: Updated memory size, pin count and package type
information.
Table 55. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com