Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AF5268 Datasheet(PDF) 121 Page - STMicroelectronics

Part # STM8AF5268
Description  Automotive 8-bit MCU, with up to 128 Kbyte Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF5268 Datasheet(HTML) 121 Page - STMicroelectronics

Back Button STM8AF5268 Datasheet HTML 117Page - STMicroelectronics STM8AF5268 Datasheet HTML 118Page - STMicroelectronics STM8AF5268 Datasheet HTML 119Page - STMicroelectronics STM8AF5268 Datasheet HTML 120Page - STMicroelectronics STM8AF5268 Datasheet HTML 121Page - STMicroelectronics STM8AF5268 Datasheet HTML 122Page - STMicroelectronics STM8AF5268 Datasheet HTML 123Page - STMicroelectronics STM8AF5268 Datasheet HTML 124Page - STMicroelectronics STM8AF5268 Datasheet HTML 125Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 121 / 125 page
background image
DocID14395 Rev 15
121/125
STM8AF526x/8x/Ax STM8AF6269/8x/Ax
Revision history
124
30-Jan-2011
8
(continued)
Removed note 1 in Table 24: General operating conditions and note
1 below Figure 11: fCPUmax versus VDD.
Removed note 3 in Table 26: Total current consumption in Run, Wait
and Slow mode. General conditions for VDD apply, TA = -40 °C to
150 °C.
Removed note 2 in Table 31: HSE external clock characteristics and
Table 35: Flash program memory/data EEPROM memory
Removed note 1 in Table 37: Data memory. Modified TWE maximum
value in Table 36: Flash program memory and Table 37: Data
memory.
Added tIFP(NRST) and renamed VF(NRST) tIFP in Table 39: NRST pin
characteristics.
Added recommendation concerning NRST pin level, and power
consumption sensitive applications, above Figure 39:
Recommended reset pin protection, and updated external capacitor
value.
Updated Note 1 in Table 40: TIM 1, 2, 3, and 4 electrical
specifications.
Updated Note 1 in Table 41: SPI characteristics.
Moved know limitations to separate errata sheet.
Added “not recommended for new design” note to device family 51,
memory size 7 and 9, and temperature range B, in Figure 60:
STM8AF526x/8x/Ax and STM8AF6269/8x/Ax ordering information
scheme1.
Added Raisonance compiler in Section 13.2: Software tools.
18-Jul-2012
9
Updated wildcards of document part numbers.
Added VFQFPN package.
Added STM8AF62A6 part number.
Table 1: Device summary updated footnote 1 and added footnote 2.
Table: STM8AF52xx product line-up with CAN and Table:
STM8AF62xx product line-up without CAN: added “P” version for all
order codes; updated size of data EEPROM for 64K devices to 2K
instead of 1.5K; updated RAM.
Figure 1: STM8AF526x/8x/Ax and STM8AF6269/8x/Ax block
diagram: updated POR, BOR and WDG; removed PDR; added
legend.
Section 5.4: Flash program and data EEPROM: removed non
relevant bullet points and added a sentence about the factory
program.
Added Table 4: Peripheral clock gating bits (CLK_PCKENR1) and
updated Table 5: Peripheral clock gating bits (CLK_PCKENR2)
Section : ADC features: updated ADC input range.
Table 12: Memory model 128K: updated RAM size, RAM end
addresses, and stack roll-over addresses; updated footnote 1
Table 18: Option bytes: updated factory default setting for NOPT17;
updated footnotes.
Table 20: Voltage characteristics: updated VDDX - VDD to VDDX - VSS.
Table 24: General operating conditions: updated VCAP.
Table 55. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com