Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AF5286UDX Datasheet(PDF) 117 Page - STMicroelectronics

Part # STM8AF5286UDX
Description  Automotive 8-bit MCU, with up to 128 Kbyte Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF5286UDX Datasheet(HTML) 117 Page - STMicroelectronics

Back Button STM8AF5286UDX Datasheet HTML 113Page - STMicroelectronics STM8AF5286UDX Datasheet HTML 114Page - STMicroelectronics STM8AF5286UDX Datasheet HTML 115Page - STMicroelectronics STM8AF5286UDX Datasheet HTML 116Page - STMicroelectronics STM8AF5286UDX Datasheet HTML 117Page - STMicroelectronics STM8AF5286UDX Datasheet HTML 118Page - STMicroelectronics STM8AF5286UDX Datasheet HTML 119Page - STMicroelectronics STM8AF5286UDX Datasheet HTML 120Page - STMicroelectronics STM8AF5286UDX Datasheet HTML 121Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 125 page
background image
DocID14395 Rev 15
117/125
STM8AF526x/8x/Ax STM8AF6269/8x/Ax
Revision history
124
16-Sep-2008
3
Replaced the salestype ‘STM8H61xx’ with ‘STM8AH61xx on the first
page.
Added ‘part numbers’ to heading rows of Table 1: Device summary.
Updated the 80-pin package silhouette on cover page in line with
POA 0062342-revD.
Table 18: Renamed ‘TMU key registers 0-7 [7:0]’ as ‘TMU key
registers 1-8 [7:0]’
Section 9: Updated introductory text concerning option bytes which
do not need to be saved in a complementary form.
Table 18: Renamed the option bits ‘TMU[0:3]’, ‘NTMU[0:3]’, and
‘TMU_KEY 0-7 [7:0]’ as ‘TMU[3:0]’, ‘NTMU[3:0]’, and ‘TMU_KEY 1-8
[7:0]’ respectively.
Table 21: Updated values of option byte 5 (HSECNT[7:0]); inverted
the description of option byte 6 (TMU[3:0]); renamed option bytes 8
to 15 ‘TMU_KEY 0-7 [7:0]’, as ‘TMU_KEY 1-8 [7:0]’.
Updated 80-pin package information in line with POA 0062342-revD
in Figure 45 and Table 53.
01-Jul-2009
4
Added ‘STM8AH61xx’ and ‘STM8AH51xx to document header.
Updated : Features on page 1 (memories, timers, operating
temperature, ADC and I/Os).
Updated Table 1: Device summary
Updated Kbyte value of program memory in Section: Introduction
Changed the first two lines from the top in Section: Description.
Updated Figure 1: STM8AF526x/8x/Ax and STM8AF6269/8x/Ax
block diagram
Updated Section 5: Product overview
In Figure 5: LQFP 48-pin pinout, added USART function to pins 10,
11, and 12; added CAN Tx and CAN Rx functions to pins 35 and 36
respectively.
Section 6: Pinouts and pin description: deleted the text below the
Table 10: Legend/abbreviation for the pin description table
Table 11: STM8AF526x/8x/Ax and STM8AF6269/8x/Ax pin
description: 68th, 69th pin (LQFP80): replaced X with a dash for PP
output and Added a table footnote.
Updated Figure 8: Register and memory map.
Table 12: Memory model 128K: updated footnote
Deleted the Table: Stack and RAM partitioning
Table 17: STM8A interrupt table: Updated priorities 13, 15, 17, 20
and 24 and changed table footnote
Updated Section 7: Memory and register map
Updated Table: Data memory, Table: I/O static characteristics, and
Table 39: NRST pin characteristics.
Section 10.1.1: Minimum and maximum values: added ambient
temperature TA = -40 °C
Updated Table 20: Voltage characteristics.
Updated Table 21: Current characteristics.
Updated Table 22: Thermal characteristics.
Updated Table 24: General operating conditions.
Table 55. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com