Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F401VB Datasheet(PDF) 132 Page - STMicroelectronics

Part # STM32F401VB
Description  ARM Cortex-M4 32b MCUFPU, 105 DMIPS, 256KB Flash/64KB RAM, 11 TIMs, 1 ADC, 11 comm. interfaces
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F401VB Datasheet(HTML) 132 Page - STMicroelectronics

Back Button STM32F401VB Datasheet HTML 127Page - STMicroelectronics STM32F401VB Datasheet HTML 128Page - STMicroelectronics STM32F401VB Datasheet HTML 129Page - STMicroelectronics STM32F401VB Datasheet HTML 130Page - STMicroelectronics STM32F401VB Datasheet HTML 131Page - STMicroelectronics STM32F401VB Datasheet HTML 132Page - STMicroelectronics STM32F401VB Datasheet HTML 133Page - STMicroelectronics STM32F401VB Datasheet HTML 134Page - STMicroelectronics STM32F401VB Datasheet HTML 135Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 132 / 135 page
background image
DocID024738 Rev 6
132/135
STM32F401xB STM32F401xC
Revision history
134
16-May-2014
4
Change VDD/VDDA minimum value to 1.7 V.
Changed number of EXTI lines in Section 3.10: External interrupt/event
controller (EXTI).
Updated Figure 18: Power supply scheme.
Updated Table 11: Voltage characteristics, Table 12: Current
characteristics andTable 14: General operating conditions.
Added note 4. in Table 26: Typical and maximum current consumption
in Sleep mode. Updated typical values at TA = 25 °C in Table 27:
Typical and maximum current consumptions in Stop mode -
VDD=1.8 V.
Updated SDIO current consumption in Table 33: Peripheral current
consumption.
Updated Table 54: I/O static characteristics, Table 56: I/O AC
characteristics and added Figure 30: FT I/O input characteristics.
Updated Table 55: Output voltage characteristics. Updated Table 53:
I/O current injection susceptibility and Table 57: NRST pin
characteristics.
Updated Table 61: SPI dynamic characteristics.
Updated package dimensions in Section 7.1 title. Added note below
engineering sample marking schematics. Updated UFBGA100
Thermal resistance in Table 86: Package thermal characteristics.
Table 88. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com