Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F401CC Datasheet(PDF) 133 Page - STMicroelectronics

Part # STM32F401CC
Description  ARM Cortex-M4 32b MCUFPU, 105 DMIPS, 256KB Flash/64KB RAM, 11 TIMs, 1 ADC, 11 comm. interfaces
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F401CC Datasheet(HTML) 133 Page - STMicroelectronics

Back Button STM32F401CC Datasheet HTML 127Page - STMicroelectronics STM32F401CC Datasheet HTML 128Page - STMicroelectronics STM32F401CC Datasheet HTML 129Page - STMicroelectronics STM32F401CC Datasheet HTML 130Page - STMicroelectronics STM32F401CC Datasheet HTML 131Page - STMicroelectronics STM32F401CC Datasheet HTML 132Page - STMicroelectronics STM32F401CC Datasheet HTML 133Page - STMicroelectronics STM32F401CC Datasheet HTML 134Page - STMicroelectronics STM32F401CC Datasheet HTML 135Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 133 / 135 page
background image
Revision history
STM32F401xB STM32F401xC
133/135
DocID024738 Rev 6
06-Aug-2015
5
Changed current consumption to 128 µA/MHz on cover page.
Updated Table 3: Regulator ON/OFF and internal power supply
supervisor availability for UFQFPN48.
Updated Figure 10: STM32F401xB/STM32F401xC WLCSP49 pinout
to show top view instead of bump view.
Renamed VCAP1/2 into VCAP_1/_2 in Figure 10:
STM32F401xB/STM32F401xC WLCSP49 pinout, Figure 11:
STM32F401xB/STM32F401xC UFQFPN48 pinout, Figure 13:
STM32F401xB/STM32F401xC LQFP100 pinout and Figure 14:
STM32F401xB/STM32F401xC UFBGA100 pinout.
In whole Section 6: Electrical characteristics, modified notes related to
characteristics guaranteed by design and by tests during
characterization.
Updated PLS[2:0]=101 (falling edge) in Table 19: Embedded reset and
power control block characteristics.
Updated Table 39: HSI oscillator characteristics.
Updated VHYS in Table 56: I/O AC characteristics.
Added tSP in Table 59: I2C characteristics.
Removed note 1 in Table 67: ADC accuracy at fADC = 18 MHz,
Table 68: ADC accuracy at fADC = 30 MHz and Table 69: ADC
accuracy at fADC = 36 MHz.
Added WLCSP49 Figure 47: WLCSP49 0.4 mm pitch wafer level chip
scale recommended footprint and Table 80: WLCSP49 recommended
PCB design rules (0.4 mm pitch). Added Section : WLCSP49 device
marking.
Updated Section : UFQFPN48 device marking.
Updated Table 82: LQFP64 - 64-pin, 10 x 10 mm, 64-pin low-profile
quad flat package mechanical data and Section : LQFP64 device
marking.
Updated Section : LQFP64 device marking and Section : LQFP100
device marking
Updated Table 84: UFBGA100 - 100-ball, 7 x 7 mm, 0.50 mm pitch,
ultra fine pitch ball grid array package mechanical data, Figure 59:
UFBGA100 - 100-ball, 7 x 7 mm, 0.50 mm pitch, ultra fine pitch ball
grid array package recommended footprint. Added Table 85:
UFBGA100 recommended PCB design rules (0.5 mm pitch BGA).
updated Section : UFBGA100 device marking.
Added Temperature range 7 in Table 87: Ordering information scheme.
Table 88. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com