Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F412RE Datasheet(PDF) 128 Page - STMicroelectronics

Part # STM32F412RE
Description  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412RE Datasheet(HTML) 128 Page - STMicroelectronics

Back Button STM32F412RE Datasheet HTML 124Page - STMicroelectronics STM32F412RE Datasheet HTML 125Page - STMicroelectronics STM32F412RE Datasheet HTML 126Page - STMicroelectronics STM32F412RE Datasheet HTML 127Page - STMicroelectronics STM32F412RE Datasheet HTML 128Page - STMicroelectronics STM32F412RE Datasheet HTML 129Page - STMicroelectronics STM32F412RE Datasheet HTML 130Page - STMicroelectronics STM32F412RE Datasheet HTML 131Page - STMicroelectronics STM32F412RE Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 193 page
background image
Electrical characteristics
STM32F412xE/G
128/193
DocID028087 Rev 4
SPI interface characteristics
Unless otherwise specified, the parameters given in Table 64 for the SPI interface are
derived from tests performed under the ambient temperature, fPCLKx frequency and VDD
supply voltage conditions summarized in Table 15, with the following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 10
•
Capacitive load C = 30 pF
•
Measurement points are done at CMOS levels: 0.5VDD
Refer to Section 6.3.16: I/O port characteristics for more details on the input/output alternate
function characteristics (NSS, SCK, MOSI, MISO for SPI).
Table 64. SPI dynamic characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fSCK
1/tc(SCK)
SPI clock frequency
Master full duplex/receiver mode,
2.7 V < VDD < 3.6 V
SPI1/4/5
--
50
MHz
Master transmitter mode
1.7 V < VDD < 3.6 V
SPI1/4/5
--
50
Master mode
1.7 V < VDD < 3.6 V
SPI1/2/3/4/5
--
25
Slave transmitter/full duplex mode
2.7 V < VDD < 3.6 V
SPI1//4/5
--
50
Slave transmitter/full duplex mode
1.7 V < VDD < 3.6 V
SPI1/4/5
--
35(2)
Slave receiver mode,
1.7 V < VDD < 3.6 V
SPI1/4/5
--
50
Slave mode,
1.7 V < VDD < 3.6 V
SPI2/3
--
25
Duty(SCK)
Duty cycle of SPI clock
frequency
Slave mode
30
50
70
%
tw(SCKH)
tw(SCKL)
SCK high and low time Master mode, SPI presc = 2
TPCLK−1.5
TPCLK
TPCLK
+1.5
ns
tsu(NSS)
NSS setup time
Slave mode, SPI presc = 2
3TPCLK
--
ns
th(NSS)
NSS hold time
Slave mode, SPI presc = 2
2TPCLK
--
ns
tsu(MI)
Data input setup time
Master mode
4.5
-
-
ns
tsu(SI)
Slave mode
1.5
-
-
ns
th(MI)
Data input hold time
Master mode
5
-
-
ns
th(SI)
Slave mode
0.5
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com