Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F412RE Datasheet(PDF) 192 Page - STMicroelectronics

Part # STM32F412RE
Description  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412RE Datasheet(HTML) 192 Page - STMicroelectronics

Back Button STM32F412RE Datasheet HTML 185Page - STMicroelectronics STM32F412RE Datasheet HTML 186Page - STMicroelectronics STM32F412RE Datasheet HTML 187Page - STMicroelectronics STM32F412RE Datasheet HTML 188Page - STMicroelectronics STM32F412RE Datasheet HTML 189Page - STMicroelectronics STM32F412RE Datasheet HTML 190Page - STMicroelectronics STM32F412RE Datasheet HTML 191Page - STMicroelectronics STM32F412RE Datasheet HTML 192Page - STMicroelectronics STM32F412RE Datasheet HTML 193Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 192 / 193 page
background image
Revision history
STM32F412xE/G
192/193
DocID028087 Rev 4
25-Mar-2016
3
Added:
– Figure 82: USB peripheral-only Full speed mode with direct connection for VBUS
sense
– Figure 83: USB peripheral-only Full speed mode, VBUS detection using GPIO
Updated:
– Figure 15: STM32F412xE/G LQFP144 pinout
– Section 6.3.6: Supply current characteristics
– Table 9: STM32F412xE/G pin definition
– Table 10: STM32F412xE/G alternate functions
– Table 11: STM32F412xE/G register boundary addresses
– Table 15: General operating conditions
– Table 36: Peripheral current consumption
– Table 96: Dynamic characteristics: eMMC characteristics VDD = 1.7 V to 1.9 V
27-May-2016
4
Updated:
– Section 3.23.2: General-purpose timers (TIMx)
– Table 21: Typical and maximum current consumption, code with data processing
(ART accelerator disabled) running from SRAM - VDD = 1.7 V
– Table 22: Typical and maximum current consumption, code with data processing
(ART accelerator disabled) running from SRAM - VDD = 3.6 V
– Table 23: Typical and maximum current consumption in run mode, code with data
processing (ART accelerator enabled except prefetch) running from Flash
memory- VDD = 1.7 V
– Table 24: Typical and maximum current consumption in run mode, code with data
processing (ART accelerator enabled except prefetch) running from Flash
memory - VDD = 3.6 V
– Table 25: Typical and maximum current consumption in run mode, code with data
processing (ART accelerator disabled) running from Flash memory - VDD = 3.6 V
– Table 26: Typical and maximum current consumption in run mode, code with data
processing (ART accelerator disabled) running from Flash memory - VDD = 1.7 V
– Table 27: Typical and maximum current consumption in run mode, code with data
processing (ART accelerator enabled with prefetch) running from Flash memory -
VDD = 3.6 V
– Table 28: Typical and maximum current consumption in Sleep mode - VDD = 3.6 V
– Table 29: Typical and maximum current consumption in Sleep mode - VDD = 1.7 V
– Table 37: Low-power mode wakeup timings(1)
– Figure 38: I2C bus AC waveforms and measurement circuit
– Figure 39: FMPI2C timing diagram and measurement circuit
Table 110. Document revision history
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com