Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F446RC Datasheet(PDF) 107 Page - STMicroelectronics

Part # STM32F446RC
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 512kB Flash/1284KB RAM, USB OTG HS/FS, 17 TIMs, 3 ADCs, 20 comm. interfaces
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F446RC Datasheet(HTML) 107 Page - STMicroelectronics

Back Button STM32F446RC Datasheet HTML 103Page - STMicroelectronics STM32F446RC Datasheet HTML 104Page - STMicroelectronics STM32F446RC Datasheet HTML 105Page - STMicroelectronics STM32F446RC Datasheet HTML 106Page - STMicroelectronics STM32F446RC Datasheet HTML 107Page - STMicroelectronics STM32F446RC Datasheet HTML 108Page - STMicroelectronics STM32F446RC Datasheet HTML 109Page - STMicroelectronics STM32F446RC Datasheet HTML 110Page - STMicroelectronics STM32F446RC Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 202 page
background image
DocID027107 Rev 6
107/202
STM32F446xC/E
Electrical characteristics
175
6.3.10
Internal clock source characteristics
The parameters given in Table 41 and Table 42 are derived from tests performed under
ambient temperature and VDD supply voltage conditions summarized in Table 16.
High-speed internal (HSI) RC oscillator
Figure 27. LACCHSI versus temperature
1. Guaranteed based on test during characterization.
Table 41. HSI oscillator characteristics (1)
1. VDD = 3.3 V, TA = –40 to 105 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSI
Frequency
-
-
16
-
MHz
ACCHSI
Accuracy of the HSI
oscillator
User-trimmed with the RCC_CR
register(2)
2. Guaranteed by design.
--
1
%
TA = - 40 to 105 °C(3)
3. Guaranteed based on test during characterization.
- 8
-
4.5
%
TA = - 10 to 85 °C(3)
- 4
-
4
%
TA = 25 °C(4)
4. Factory calibrated, parts not soldered.
- 1
-
1
%
tsu(HSI)(2)
HSI oscillator
startup time
--
2.2
4
µs
IDD(HSI)(2)
HSI oscillator
power consumption
-
-
60
80
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com