Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F446RC Datasheet(PDF) 118 Page - STMicroelectronics

Part # STM32F446RC
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 512kB Flash/1284KB RAM, USB OTG HS/FS, 17 TIMs, 3 ADCs, 20 comm. interfaces
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F446RC Datasheet(HTML) 118 Page - STMicroelectronics

Back Button STM32F446RC Datasheet HTML 114Page - STMicroelectronics STM32F446RC Datasheet HTML 115Page - STMicroelectronics STM32F446RC Datasheet HTML 116Page - STMicroelectronics STM32F446RC Datasheet HTML 117Page - STMicroelectronics STM32F446RC Datasheet HTML 118Page - STMicroelectronics STM32F446RC Datasheet HTML 119Page - STMicroelectronics STM32F446RC Datasheet HTML 120Page - STMicroelectronics STM32F446RC Datasheet HTML 121Page - STMicroelectronics STM32F446RC Datasheet HTML 122Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 202 page
background image
Electrical characteristics
STM32F446xC/E
118/202
DocID027107 Rev 6
6.3.17
I/O port characteristics
General input/output characteristics
Unless otherwise specified, the parameters given in Table 56: I/O static characteristics are
derived from tests performed under the conditions summarized in Table 16. All I/Os are
CMOS and TTL compliant.
Table 56. I/O static characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
FT, FTf, TTa and NRST I/O
input low level voltage
1.7 V≤VDD≤3.6 V
-
-
0.35VDD–0.04(1)
V
0.3VDD(2)
BOOT0 I/O input low level
voltage
1.75 V ≤ VDD ≤
3.6 V,
– 40 °C≤ TA ≤
105 °C
--
0.1VDD+0.1(1)
1.7 V ≤ VDD ≤ 3.6 V,
0 °C ≤ TA ≤105 °C
--
VIH
FT, FTf, TTa and NRST I/O
input high level voltage(4)
1.7 V≤VDD≤3.6 V
0.45VDD+0.3(1)
--
V
0.7VDD(2)
BOOT0 I/O input high level
voltage
1.75 V≤VDD ≤3.6 V,
– 40 °C≤TA ≤105 °C
0.17VDD+0.7(1)
--
1.7 V≤VDD ≤3.6 V,
0 °C≤TA ≤105 °C
VHYS
FT, FTf, TTa and NRST I/O
input hysteresis
1.7 V≤VDD≤3.6 V
-
10%VDD
-
V
BOOT0 I/O input hysteresis
1.75 V≤VDD ≤3.6 V,
–40 °C≤TA ≤105 °C
-
100m
-
1.7 V≤VDD ≤3.6 V,
0 °C≤TA ≤105 °C
--
Ilkg
I/O input leakage current (3)
VSS ≤VIN ≤VDD
--
±1
µA
I/O FT input leakage current
(4)
VIN = 5 V
-
-
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com