Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F479II Datasheet(PDF) 106 Page - STMicroelectronics

Part # STM32F479II
Description  ARMCortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/3844KB RAM, USB OTG HS/FS, Ethernet, FMC, dual Quad-SPI, Crypto, Graphical accelerator, Camera IF, LCD-TFT & MIPI DSI
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F479II Datasheet(HTML) 106 Page - STMicroelectronics

Back Button STM32F479II Datasheet HTML 102Page - STMicroelectronics STM32F479II Datasheet HTML 103Page - STMicroelectronics STM32F479II Datasheet HTML 104Page - STMicroelectronics STM32F479II Datasheet HTML 105Page - STMicroelectronics STM32F479II Datasheet HTML 106Page - STMicroelectronics STM32F479II Datasheet HTML 107Page - STMicroelectronics STM32F479II Datasheet HTML 108Page - STMicroelectronics STM32F479II Datasheet HTML 109Page - STMicroelectronics STM32F479II Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 217 page
background image
Electrical characteristics
STM32F479xx
106/217
DocID028010 Rev 3
Figure 27. Typical VBAT current consumption
(RTC ON / backup SRAM ON and LSE in Low drive mode)
Table 31. Typical and maximum current consumption in VBAT mode
Symbol
Parameter
Conditions(1)
Typ
Max(2)
Unit
TA = 25 °C
TA =
25 °C
TA =
85 °C
TA =
105 °C
VBAT =
1.7 V
VBAT=
2.4 V
VBAT =
3.3 V
VBAT = 3.3 V
IDD_VBAT
Backup
domain supply
current
Backup SRAM ON, RTC ON
and LSE oscillator in Low
Power mode
1.431
1.577
1.825
1.9
12.0
24.0
µA
Backup SRAM OFF, RTC ON
and LSE oscillator in Low
Power mode
0.720
0.849
1.060
1.1
7.0
13.9
Backup SRAM ON, RTC ON
and LSE oscillator in High
Drive mode
2.212
2.368
2.630
2.80
17.3
34.6
Backup SRAM OFF, RTC ON
and LSE oscillator in High
Drive mode
1.499
1.637
1.862
2.0
12.3
24.5
Backup SRAM ON, RTC and
LSE OFF
0.710
0.720
0.760
0.8(3)
5.0
10.0(3)
Backup SRAM OFF, RTC and
LSE OFF
0.018
0.020
0.024
0.2(3)
2.0
4.0(3)
1. Crystal used: Abracon ABS07-120-32.768 kHz-T with a CL of 6 pF for typical values.
2. Based on characterization, tested in production.
3. Based on test during characterization.
0
1
2
3
4
5
6
0
2040
6080
100
Temperature (°C)
1.65V
1.70V
1.80V
2.00V
2.40V
2.70V
3.00V
3.30V
3.60V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com