Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F479II Datasheet(PDF) 111 Page - STMicroelectronics

Part # STM32F479II
Description  ARMCortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/3844KB RAM, USB OTG HS/FS, Ethernet, FMC, dual Quad-SPI, Crypto, Graphical accelerator, Camera IF, LCD-TFT & MIPI DSI
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F479II Datasheet(HTML) 111 Page - STMicroelectronics

Back Button STM32F479II Datasheet HTML 107Page - STMicroelectronics STM32F479II Datasheet HTML 108Page - STMicroelectronics STM32F479II Datasheet HTML 109Page - STMicroelectronics STM32F479II Datasheet HTML 110Page - STMicroelectronics STM32F479II Datasheet HTML 111Page - STMicroelectronics STM32F479II Datasheet HTML 112Page - STMicroelectronics STM32F479II Datasheet HTML 113Page - STMicroelectronics STM32F479II Datasheet HTML 114Page - STMicroelectronics STM32F479II Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 217 page
background image
DocID028010 Rev 3
111/217
STM32F479xx
Electrical characteristics
190
APB1
(up to
45 MHz)
TIM2
19.11
17.56
15.33
µA/MHz
TIM3
15.62
14.22
12.17
TIM4
16.22
14.64
12.83
TIM5
18.44
16.72
14.00
TIM6
3.18
2.69
2.17
TIM7
3.11
2.56
2.00
TIM12
8.67
7.56
6.50
TIM13
6.11
5.33
4.43
TIM14
6.44
5.61
4.67
PWR
17.44
15.61
13.53
USART2
5.44
4.64
3.93
USART3
5.51
4.72
4.00
UART4
5.22
4.64
3.83
UART5
5.33
4.64
3.83
UART7
5.56
4.78
4.10
UART8
5.24
4.64
3.93
I2C1
4.78
4.08
3.43
I2C2
5.11
4.50
3.73
I2C3
4.78
4.08
3.43
SPI2/I2S2(4)
4.11
3.53
3.00
SPI3/I2S3(4)
4.33
3.67
3.17
CAN1
8.89
7.83
6.87
CAN2
7.22
6.44
5.50
DAC(5)
2.89
2.69
2.40
WWDG
1.73
1.44
1.00
Table 33. Peripheral current consumption (continued)
Peripheral
IDD(Typ)(1)
Unit
Scale 1
Scale 2
Scale 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com