Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F479II Datasheet(PDF) 154 Page - STMicroelectronics

Part # STM32F479II
Description  ARMCortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/3844KB RAM, USB OTG HS/FS, Ethernet, FMC, dual Quad-SPI, Crypto, Graphical accelerator, Camera IF, LCD-TFT & MIPI DSI
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F479II Datasheet(HTML) 154 Page - STMicroelectronics

Back Button STM32F479II Datasheet HTML 150Page - STMicroelectronics STM32F479II Datasheet HTML 151Page - STMicroelectronics STM32F479II Datasheet HTML 152Page - STMicroelectronics STM32F479II Datasheet HTML 153Page - STMicroelectronics STM32F479II Datasheet HTML 154Page - STMicroelectronics STM32F479II Datasheet HTML 155Page - STMicroelectronics STM32F479II Datasheet HTML 156Page - STMicroelectronics STM32F479II Datasheet HTML 157Page - STMicroelectronics STM32F479II Datasheet HTML 158Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 217 page
background image
Electrical characteristics
STM32F479xx
154/217
DocID028010 Rev 3
Table 75 gives the list of Ethernet MAC signals for MII and Figure 52 shows the
corresponding timing diagram.
Figure 53. Ethernet MII timing diagram
Table 74. Dynamics characteristics: Ethernet MAC signals for RMII(1)
1. Guaranteed based on test during characterization.
Symbol
Parameter
Min
Typ
Max
Unit
tsu(RXD) Receive data setup time
2.5
-
-
ns
tih(RXD)
Receive data hold time
2.0
-
-
tsu(CRS) Carrier sense setup time
0.5
-
-
tih(CRS)
Carrier sense hold time
1.5
-
-
td(TXEN) Transmit enable valid delay time
5.5
6.5
11
td(TXD)
Transmit data valid delay time
6.0
6.5
11
Table 75. Dynamics characteristics: Ethernet MAC signals for MII(1)
1. Guaranteed based on test during characterization.
Symbol
Parameter
Min
Typ
Max
Unit
tsu(RXD) Receive data setup time
1
-
-
ns
tih(RXD)
Receive data hold time
3
-
-
tsu(DV)
Data valid setup time
0
-
-
tih(DV)
Data valid hold time
2.5
-
-
tsu(ER)
Error setup time
0
-
-
tih(ER)
Error hold time
2
-
-
td(TXEN) Transmit enable valid delay time
0
7
13
td(TXD)
Transmit data valid delay time
0
7
13
MII_RX_CLK
MII_RXD[3:0]
MII_RX_DV
MII_RX_ER
td(TXEN)
td(TXD)
tsu(RXD)
tsu(ER)
tsu(DV)
tih(RXD)
tih(ER)
tih(DV)
ai15668
MII_TX_CLK
MII_TX_EN
MII_TXD[3:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com