Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F745VE Datasheet(PDF) 107 Page - STMicroelectronics

Part # STM32F745VE
Description  ARM-based Cortex-M7 32b MCUFPU, 462DMIPS, up to 1MB Flash/32016 4KB RAM, USB OTG HS/FS, ethernet, 18 TIMs, 3 ADCs, 25 com itf, cam & LCD
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F745VE Datasheet(HTML) 107 Page - STMicroelectronics

Back Button STM32F745VE Datasheet HTML 103Page - STMicroelectronics STM32F745VE Datasheet HTML 104Page - STMicroelectronics STM32F745VE Datasheet HTML 105Page - STMicroelectronics STM32F745VE Datasheet HTML 106Page - STMicroelectronics STM32F745VE Datasheet HTML 107Page - STMicroelectronics STM32F745VE Datasheet HTML 108Page - STMicroelectronics STM32F745VE Datasheet HTML 109Page - STMicroelectronics STM32F745VE Datasheet HTML 110Page - STMicroelectronics STM32F745VE Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 227 page
background image
DocID027590 Rev 4
107/227
STM32F745xx STM32F746xx
Electrical characteristics
195
Table 27. Typical and maximum current consumption in Run mode, code with data processing
running from Flash memory on ITCM interface (ART disabled), regulator ON
Symbol Parameter
Conditions
fHCLK (MHz)
Typ
Max(1)
Unit
TA= 25 °C TA=85 °C TA=105 °C
IDD
Supply
current in
RUN mode
All peripherals
enabled(2)(3)
216
205
237
261
-
mA
200
191
219
241
260
180
176
202
218
232
168
158
181
196
209
144
130
148
161
172
60
58
67
79
89
25
27
32
43
54
All peripherals
disabled(3)
216
130
149
173
-
200
121
138
160
179
180
113
129
145
159
168
102
116
131
144
144
88
100
112
123
60
40
45
57
68
25
19
22
33
44
1. Guaranteed by characterization results.
2. When analog peripheral blocks such as ADCs, DACs, HSE, LSE, HSI, or LSI are ON, an additional power consumption
should be considered.
3. When the ADC is ON (ADON bit set in the ADC_CR2 register), add an additional power consumption of 1.73 mA per ADC
for the analog part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com