Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F756NG Datasheet(PDF) 112 Page - STMicroelectronics

Part # STM32F756NG
Description  ARM-based Cortex-M7 32b MCUFPU, 462DMIPS, up to 1MB Flash/32016 4KB RAM, crypto, USB OTG HS/FS, ethernet, 18 TIMs, 3 ADCs, 25 com itf, cam & LCD
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F756NG Datasheet(HTML) 112 Page - STMicroelectronics

Back Button STM32F756NG Datasheet HTML 108Page - STMicroelectronics STM32F756NG Datasheet HTML 109Page - STMicroelectronics STM32F756NG Datasheet HTML 110Page - STMicroelectronics STM32F756NG Datasheet HTML 111Page - STMicroelectronics STM32F756NG Datasheet HTML 112Page - STMicroelectronics STM32F756NG Datasheet HTML 113Page - STMicroelectronics STM32F756NG Datasheet HTML 114Page - STMicroelectronics STM32F756NG Datasheet HTML 115Page - STMicroelectronics STM32F756NG Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 228 page
background image
Electrical characteristics
STM32F756xx
112/228
DocID027589 Rev 4
Table 32. Typical and maximum current consumptions in Standby mode
Symbol
Parameter
Conditions
Typ(1)
Max(2)
Unit
TA = 25 °C
TA =
25 °C
TA =
85 °C
TA =
105 °C
VDD =
1.7 V
VDD=
2.4 V
VDD =
3.3 V
VDD = 3.3 V
IDD_STBY
Supply current
in Standby
mode
Backup SRAM OFF, RTC and
LSE OFF
1.7
1.9
2.3
5(3)
15(3)
31(3)
µA
Backup SRAM ON, RTC and
LSE OFF
2.4
2.6
3.0
6(3)
20(3)
40(3)
Backup SRAM OFF, RTC ON
and LSE in low drive mode
2.1
2.4
2.9
6
19
39
Backup SRAM OFF, RTC ON
and LSE in medium low drive
mode
2.1
2.4
2.9
6
19
39
Backup SRAM OFF, RTC ON
and LSE in medium high drive
mode
2.2
2.5
3.0
7
20
40
Backup SRAM OFF, RTC ON
and LSE in high drive mode
2.3
2.6
3.1
7
20
42
Backup SRAM ON, RTC ON
and LSE in low drive mode
2.7
3.0
3.6
8
23
49
Backup SRAM ON, RTC ON
and LSE in Medium low drive
mode
2.7
3.0
3.6
8
23
49
Backup SRAM ON, RTC ON
and LSE in Medium high drive
mode
2.8
3.1
3.7
8
24
50
Backup SRAM ON, RTC ON
and LSE in High drive mode
2.9
3.2
3.8
8
25
51
1. PDR is OFF for VDD=1.7V. When the PDR is OFF (internal reset OFF), the typical current consumption is reduced by
additional 1.2 µA.
2. Guaranteed by characterization results.
3. Based on characterization, tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com