Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L072CB Datasheet(PDF) 146 Page - STMicroelectronics

Part # STM32L072CB
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, USB, ADC, DACs
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L072CB Datasheet(HTML) 146 Page - STMicroelectronics

Back Button STM32L072CB Datasheet HTML 139Page - STMicroelectronics STM32L072CB Datasheet HTML 140Page - STMicroelectronics STM32L072CB Datasheet HTML 141Page - STMicroelectronics STM32L072CB Datasheet HTML 142Page - STMicroelectronics STM32L072CB Datasheet HTML 143Page - STMicroelectronics STM32L072CB Datasheet HTML 144Page - STMicroelectronics STM32L072CB Datasheet HTML 145Page - STMicroelectronics STM32L072CB Datasheet HTML 146Page - STMicroelectronics STM32L072CB Datasheet HTML 147Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 146 / 147 page
background image
Revision history
STM32L072xx
146/147
DocID027100 Rev 3
22-Mar-2016
3
Updated number of SPIs on cover page and in Table 2: Ultra-low-
power STM32L072xx device features and peripheral counts.
Changed minimum comparator supply voltage to 1.65 V on cover
page. Added minimum DAC supply voltage on cover page.
Added number of fast and standard channels in Section 3.11:
Analog-to-digital converter (ADC).
Updated Section 3.17.2: Universal synchronous/asynchronous
receiver transmitter (USART) and Section 3.17.4: Serial
peripheral interface (SPI)/Inter-integrated sound (I2S) to mention
the fact that USARTs with synchronous mode feature can be
used as SPI master interfaces.
Added baudrate allowing to wake up the MCU from Stop mode in
Section 3.17.2: Universal synchronous/asynchronous receiver
transmitter (USART) and Section 3.17.3: Low-power universal
asynchronous receiver transmitter (LPUART).
Section 6.3.15: 12-bit ADC characteristics:
– Table 64: ADC characteristics:
Distinction made between VDDA for fast and standard channels;
added note 1.
Added note 4. related to RADC.
Updated fTRIG..
Updated tS and tCONV.
– Updated equation 1 description.
– Updated Table 65: RAIN max for fADC = 16 MHz for fADC =
16 MHz and distinction made between fast and standard
channels.
Updated RO and added Note 2. in Table 67: DAC characteristics.
Added Table 74: USART/LPUART characteristics.
Table 97. Document revision history
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com