Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L071KB Datasheet(PDF) 135 Page - STMicroelectronics

Part # STM32L071KB
Description  Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, ADC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L071KB Datasheet(HTML) 135 Page - STMicroelectronics

Back Button STM32L071KB Datasheet HTML 128Page - STMicroelectronics STM32L071KB Datasheet HTML 129Page - STMicroelectronics STM32L071KB Datasheet HTML 130Page - STMicroelectronics STM32L071KB Datasheet HTML 131Page - STMicroelectronics STM32L071KB Datasheet HTML 132Page - STMicroelectronics STM32L071KB Datasheet HTML 133Page - STMicroelectronics STM32L071KB Datasheet HTML 134Page - STMicroelectronics STM32L071KB Datasheet HTML 135Page - STMicroelectronics STM32L071KB Datasheet HTML 136Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 135 / 136 page
background image
DocID027101 Rev 3
135/136
STM32L071xx
Revision history
135
22-Mar-2016
3
Updated number of SPIs on cover page and in Table 2: Ultra-low-
power STM32L071xx device features and peripheral counts.
Changed minimum comparator supply voltage to 1.65 V on cover
page.
Added number of fast and standard channels in Section 3.11:
Analog-to-digital converter (ADC).
Updated Section 3.15.2: Universal synchronous/asynchronous
receiver transmitter (USART) and Section 3.15.4: Serial
peripheral interface (SPI)/Inter-integrated sound (I2S) to mention
the fact that USARTs with synchronous mode feature can be
used as SPI master interfaces.
Added baudrate allowing to wake up the MCU from Stop mode in
Section 3.15.2: Universal synchronous/asynchronous receiver
transmitter (USART) and Section 3.15.3: Low-power universal
asynchronous receiver transmitter (LPUART).
Changed VDDA minimum value to 1.65 V in Table 25: General
operating conditions.
Section 6.3.15: 12-bit ADC characteristics:
– Table 62: ADC characteristics:
Distinction made between VDDA for fast and standard channels;
added note 1.
Added note 4. related to RADC.
Updated fTRIG. and VAIN maximum value.
Updated tS and tCONV.
Added VREF+.
– Updated equation 1 description.
– Updated Table 63: RAIN max for fADC = 16 MHz for fADC =
16 MHz and distinction made between fast and standard
channels.
Added Table 71: USART/LPUART characteristics.
Table 89. Document revision history
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com