Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L475RE Datasheet(PDF) 109 Page - STMicroelectronics

Part # STM32L475RE
Description  Ultra-low-power ARM Cortex-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 128 KB SRAM, USB OTG FS, analog, audio
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L475RE Datasheet(HTML) 109 Page - STMicroelectronics

Back Button STM32L475RE Datasheet HTML 105Page - STMicroelectronics STM32L475RE Datasheet HTML 106Page - STMicroelectronics STM32L475RE Datasheet HTML 107Page - STMicroelectronics STM32L475RE Datasheet HTML 108Page - STMicroelectronics STM32L475RE Datasheet HTML 109Page - STMicroelectronics STM32L475RE Datasheet HTML 110Page - STMicroelectronics STM32L475RE Datasheet HTML 111Page - STMicroelectronics STM32L475RE Datasheet HTML 112Page - STMicroelectronics STM32L475RE Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 193 page
background image
DocID027692 Rev 2
109/193
STM32L475xx
Electrical characteristics
181
tWUSTOP1
Wake up time from Stop 1
mode to Run mode in Flash
Range 1
Wakeup clock MSI = 48 MHz
6.2
10.2
µs
Wakeup clock HSI16 = 16 MHz 6.3
8.99
Range 2
Wakeup clock MSI = 24 MHz
6.3 10.46
Wakeup clock HSI16 = 16 MHz 6.3
8.87
Wakeup clock MSI = 4 MHz
8.0 13.23
Wake up time from Stop 1
mode to Run mode in
SRAM1
Range 1
Wakeup clock MSI = 48 MHz
4.5
5.78
Wakeup clock HSI16 = 16 MHz 5.5
7.1
Range 2
Wakeup clock MSI = 24 MHz
5.0
6.5
Wakeup clock HSI16 = 16 MHz 5.5
7.1
Wakeup clock MSI = 4 MHz
8.2
13.5
Wake up time from Stop 1
mode to Low-power run
mode in Flash
Regulator in
low-power
mode (LPR=1 in
PWR_CR1)
Wakeup clock MSI = 2 MHz
12.7
20
Wake up time from Stop 1
mode to Low-power run
mode in SRAM1
10.7 21.5
tWUSTOP2
Wake up time from Stop 2
mode to Run mode in Flash
Range 1
Wakeup clock MSI = 48 MHz
8.0
9.4
µs
Wakeup clock HSI16 = 16 MHz 7.3
9.3
Range 2
Wakeup clock MSI = 24 MHz
8.2
9.9
Wakeup clock HSI16 = 16 MHz 7.3
9.3
Wakeup clock MSI = 4 MHz
10.6 15.8
Wake up time from Stop 2
mode to Run mode in
SRAM1
Range 1
Wakeup clock MSI = 48 MHz
5.1
6.7
Wakeup clock HSI16 = 16 MHz 5.7
8
Range 2
Wakeup clock MSI = 24 MHz
5.5
6.65
Wakeup clock HSI16 = 16 MHz 5.7
7.53
Wakeup clock MSI = 4 MHz
8.2
16.6
tWUSTBY
Wakeup time from Standby
mode to Run mode
Range 1
Wakeup clock MSI = 8 MHz
14.3 20.8
µs
Wakeup clock MSI = 4 MHz
20.1 35.5
tWUSTBY
SRAM2
Wakeup time from Standby
with SRAM2 to Run mode
Range 1
Wakeup clock MSI = 8 MHz
14.3 24.3
µs
Wakeup clock MSI = 4 MHz
20.1 38.5
tWUSHDN
Wakeup time from
Shutdown mode to Run
mode
Range 1
Wakeup clock MSI = 4 MHz
256 330.6
µs
1. Guaranteed by characterization results.
Table 41. Low-power mode wakeup timings(1) (continued)
Symbol
Parameter
Conditions
Typ Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com