Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L071xZ Datasheet(PDF) 104 Page - STMicroelectronics

Part # STM32L071xZ
Description  Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, ADC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L071xZ Datasheet(HTML) 104 Page - STMicroelectronics

Back Button STM32L071xZ Datasheet HTML 100Page - STMicroelectronics STM32L071xZ Datasheet HTML 101Page - STMicroelectronics STM32L071xZ Datasheet HTML 102Page - STMicroelectronics STM32L071xZ Datasheet HTML 103Page - STMicroelectronics STM32L071xZ Datasheet HTML 104Page - STMicroelectronics STM32L071xZ Datasheet HTML 105Page - STMicroelectronics STM32L071xZ Datasheet HTML 106Page - STMicroelectronics STM32L071xZ Datasheet HTML 107Page - STMicroelectronics STM32L071xZ Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 136 page
background image
Electrical characteristics
STM32L071xx
104/136
DocID027101 Rev 3
Figure 34. SPI timing diagram - slave mode and CPHA = 0
Table 74. SPI characteristics in voltage Range 3 (1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fSCK
1/tc(SCK)
SPI clock frequency
Master mode
--
2
MHz
Slave mode
2(2)
Duty(SCK)
Duty cycle of SPI clock
frequency
Slave mode
30
50
70
%
tsu(NSS)
NSS setup time
Slave mode, SPI presc = 2
4*Tpclk
-
-
ns
th(NSS)
NSS hold time
Slave mode, SPI presc = 2
2*Tpclk
-
-
tw(SCKH)
tw(SCKL)
SCK high and low time
Master mode
Tpclk-2
Tpclk
Tpclk+2
tsu(MI)
Data input setup time
Master mode
1.5
-
-
tsu(SI)
Slave mode
6
-
-
th(MI)
Data input hold time
Master mode
13.5
-
-
th(SI)
Slave mode
16
-
-
ta(SO
Data output access time
Slave mode
30
-
70
tdis(SO)
Data output disable time
Slave mode
40
-
80
tv(SO)
Data output valid time
Slave mode
-
30
70
tv(MO)
Master mode
-
7
9
th(SO)
Data output hold time
Slave mode
25
-
-
th(MO)
Master mode
8
-
-
1. Guaranteed by characterization results.
2. The maximum SPI clock frequency in slave transmitter mode is determined by the sum of tv(SO) and tsu(MI) which has to fit
into SCK low or high phase preceding the SCK sampling edge. This value can be achieved when the SPI communicates
with a master having tsu(MI) = 0 while Duty(SCK) = 50%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com